Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7849ARZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7849ARZ
Descripción Electrónicos  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7849ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7849ARZ Datasheet HTML 5Page - Analog Devices AD7849ARZ Datasheet HTML 6Page - Analog Devices AD7849ARZ Datasheet HTML 7Page - Analog Devices AD7849ARZ Datasheet HTML 8Page - Analog Devices AD7849ARZ Datasheet HTML 9Page - Analog Devices AD7849ARZ Datasheet HTML 10Page - Analog Devices AD7849ARZ Datasheet HTML 11Page - Analog Devices AD7849ARZ Datasheet HTML 12Page - Analog Devices AD7849ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7849
Rev. C | Page 9 of 20
1
2
VOUT
CH2 200mV
M 2.00µs CH1
–10mV
CH1
100mV
VREF+
C1 p-p
104mV
C2 p-p
216mV
C2 RISE
458ns
C2 FALL
452.4ns
Figure 9. Pulse Response (Small Signal)
VDD/VSS (V)
2.0
0
16.00
11.00
12.25
13.50
14.75
1.5
1.0
0.5
TA = 25°C
VREF+ =5V
VREF– =0V
GAIN = 1
Figure 10. Typical Integral Nonlinearity vs. Supplies
0.500
0
16
11
12
13
14
0.375
0.250
0.125
15
VDD/VSS (V)
TA = 25°C
VREF+ =5V
VREF– =0V
GAIN = 1
Figure 11. Typical Differential Nonlinearity vs. Supplies
CH2 10.0V
M 10.0ms
CH1
7.8mV
CH1
10.0V
C1 RISE
3.808ms
C2 RISE
8µs
1
2
3
CH3
5.0V
VDD
VOUT
LDAC
Figure 12. Turn-On Characteristics
CH2 10.0V
M 1.00ms
CH1
7.8mV
CH1
10.0V
7.8V
1
2
VDD
VOUT
C1 FALL
4.7621ms
Figure 13. Turn-Off Characteristics


Número de pieza similar - AD7849ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7849ARZ AD-AD7849ARZ Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849ARZ-REEL AD-AD7849ARZ-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Descripción similar - AD7849ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com