Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4033 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza CD4033
Descripción Electrónicos  CMOS Decade Counter/Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4033 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CD4033 Datasheet HTML 3Page - Intersil Corporation CD4033 Datasheet HTML 4Page - Intersil Corporation CD4033 Datasheet HTML 5Page - Intersil Corporation CD4033 Datasheet HTML 6Page - Intersil Corporation CD4033 Datasheet HTML 7Page - Intersil Corporation CD4033 Datasheet HTML 8Page - Intersil Corporation CD4033 Datasheet HTML 9Page - Intersil Corporation CD4033 Datasheet HTML 10Page - Intersil Corporation CD4033 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
7-835
CD4033BMS
FIGURE 13. INTERFACING THE CD4033BMS WITH COMMERCIALLY
AVAILABLE 7-SEGMENT DISPLAY DEVICES*
7-Segment Display Devices
INCANDESCENT READOUTS
Numitron DR2000 Series
TUBE REQUIREMENTS
VT = 3.5 - 5V
IT = 24mA Segment
ASSUMED
TRANSISTOR
CHARACTERISTICS
βdc (min) ≥ 25
VCE (sat)
≤ 0.5V
VDD = 8V (min)
IB = 1mA (min)
IT = 24mA (min)
CD4049UB
at VCC = 10V (min)
Vo “0”
≤ 2V
IT = 8mA (min)
VT
≈ 3.5V to 6V
CD4049UB
at VCC = 10V (min)
Vo “0”
≤ 0.6V
IT = 8mA (min)
at VCC = 6V (min)
Vo “0”
≤ 1V
IT = 5mA (min)
VT
≈ 1.5V to 3.5V
LOW-POWER INCANDESCENT READOUTS
PINLITES INC-Series O and R
ASSUMED
TRANSISTOR
CHARACTERISTICS
TUBE REQUIREMENTS
0-03-15
0-04-30
0-06-30
R-R3-20
R-R4-30
VT(V)
1.5
3
3
2
3
mA/Segment
8
8
8
4.3
4.3
βdc (min) ≥ 30
VCE (sat)
≤ 0.5V
VCC
≥ 3.5V (min)
IB
≥ 0.25mA (min)
IT
≤ 7.5mA (min)
*The interfacing buffers shown, while a necessity with the CD4033A, are not required when using the “B” devices; the “B” outputs (
≈ 10 times
the “A” outputs) can drive most display devices directly especially at voltages above 10V.
NEON READOUT (NIXIE TUBE**)
1. Alco Electronics - MG19
2. Burroughs - B5971, B7971, B8971
TUBE REQUIREMENTS
Alco MG19
Burroughs B5971
Burroughs B7971, B8971
VT(Vdc)
180
170
170
mA/Segment
0.5
3
6
LOW VOLTAGE VACUUM FLORESCENT READOUTS
1. Tung-Sol DIGIVAC S/G ‡ Type DT1704A or DT1705C
2. Nippon Electric (NEC): Type DG12E or LD915
TUBE REQUIREMENTS: 100 to 300
µA/segment at tube voltages of 12V
to 25V depending on required brightness Filament requirement 45mA at
1.6V, ac or dc.
‡ (Trademark) Wagner Electric Co.
**(Trademark) Burroughs Corp.
TRANSISTOR CHARACTERISTICS
Leakage with transistor cutoff - 0.05mA
V(BR)CER
βdc (min) ≥ 30
>VT
CD4033BMS
7
SEGMENTS
IB
1/7
IT
CLOCK
INHIBIT
RESET
VDD
VSS
IT
1/7 CA3081
OR EQUIVALENT
1 OF 7
SEGMENTS
VCC
VT
VT
1/6 CA4049UB
SEGMENTS
CD4033BMS
7
SEGMENTS
CLOCK
INHIBIT
RESET
VDD
VSS
1 OF 7
VT ª 170V DC
SEGMENTS
CD4033BMS
7
SEGMENTS
CLOCK
INHIBIT
RESET
VDD
VSS
13.5V
LOGIC
VOLTAGE
g
d
a
fb
ec
WITH VON = 18V MEDIUM BRIGHTNESS
IN LOW AMBIENT LIGHT BACKGROUND
WILL RESULT. THE POINT OF NO
NOTICEABLE GLOW IS VOFF
≈ 4.5V
≈ 4.5V
1.6V
AC OR DC


Número de pieza similar - CD4033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4033 TI-CD4033 Datasheet
497Kb / 12P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4033B TI-CD4033B Datasheet
497Kb / 12P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4033B TI-CD4033B Datasheet
873Kb / 15P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4033BE TI1-CD4033BE Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4033BE TI-CD4033BE Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
More results

Descripción similar - CD4033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CD4017A ETC1-CD4017A Datasheet
274Kb / 4P
   CMOS Decade Counter/Divider
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
logo
Texas Instruments
CD4017BC TI1-CD4017BC Datasheet
415Kb / 10P
[Old version datasheet]   Decade Counter/Divider
logo
Toshiba Semiconductor
TC74HC4017AP TOSHIBA-TC74HC4017AP Datasheet
245Kb / 5P
   DECADE COUNTER/DIVIDER
logo
STMicroelectronics
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
   DECADE COUNTER/DIVIDER
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
   Decade Counter / Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com