Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4042BMS Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza CD4042BMS
Descripción Electrónicos  CMOS Quad Clocked “D” Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4042BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4042BMS Datasheet HTML 1Page - Intersil Corporation CD4042BMS Datasheet HTML 2Page - Intersil Corporation CD4042BMS Datasheet HTML 3Page - Intersil Corporation CD4042BMS Datasheet HTML 4Page - Intersil Corporation CD4042BMS Datasheet HTML 5Page - Intersil Corporation CD4042BMS Datasheet HTML 6Page - Intersil Corporation CD4042BMS Datasheet HTML 7Page - Intersil Corporation CD4042BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7-871
Specifications CD4042BMS
Propagation Delay
Data in to Q
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
110
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Propagation Delay
Data in to Q
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
150
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Propagation Delay
Clock to Q
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Propagation Delay
Clock to Q
TPLH4
TPHL4
VDD = 10V
1, 2, 3
+25oC
-
230
ns
VDD = 15V
1, 2, 3
+25oC
-
180
ns
Transition Time
TTHL
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Clock Input Rise and Fall
Time (Note 4)
TRCL
TFCL
VDD = 5V
1, 2, 3
+25oC-
*
-
VDD = 10V
1, 2, 3
+25oC-
*
-
VDD = 15V
1, 2, 3
+25oC-
*
-
Minimum Data Setup
Time
TS
VDD = 5V
1, 2, 3
+25oC
-
50
ns
VDD = 10V
1, 2, 3
+25oC
-
30
ns
VDD = 15V
1, 2, 3
+25oC
-
25
ns
Minimum Data Hold Time
TH
VDD = 5V
1, 2, 3
+25oC
-
120
ns
VDD = 10V
1, 2, 3
+25oC
-
60
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
200
ns
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K.
4. * Not sensitive
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC
-
7.5
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Número de pieza similar - CD4042BMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
   Quad Clocked D Latch
logo
Texas Instruments
CD4042BM TI-CD4042BM Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
CD4042BM TI1-CD4042BM Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
More results

Descripción similar - CD4042BMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
CD4042B TI-CD4042B Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
   QUAD CLOCKED D LATCH
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
   Quad Clocked D Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
   QUAD CLOCKED LATCH
logo
Intersil Corporation
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
   CMOS Quad Clocked ?쏡??Latch
December 1992
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
   QUAD CLOCKED D LATCH
logo
Motorola, Inc
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
   Dual Clocked Latch
logo
KODENSHI_AUK CORP.
KK4042B KODENSHI-KK4042B Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4042B IKSEMICON-IW4042B Datasheet
235Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com