Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7871 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD7871
Descripción Electrónicos  LC MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7871 Datasheet(HTML) 5 Page - Analog Devices

  AD7871_15 Datasheet HTML 1Page - Analog Devices AD7871_15 Datasheet HTML 2Page - Analog Devices AD7871_15 Datasheet HTML 3Page - Analog Devices AD7871_15 Datasheet HTML 4Page - Analog Devices AD7871_15 Datasheet HTML 5Page - Analog Devices AD7871_15 Datasheet HTML 6Page - Analog Devices AD7871_15 Datasheet HTML 7Page - Analog Devices AD7871_15 Datasheet HTML 8Page - Analog Devices AD7871_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7871/AD7872
–5–
REV. D
AD7872 PIN FUNCTION DESCRIPTION
DIP
No.
Mnemonic
Function
1
CONTROL
Control Input. With this pin at 0 V, the SCLK is noncontinuous; with this pin at –5 V, the SCLK
is continuous.
2
CONVST
Convert Start. A low to high transition on this input puts the track/hold into the hold mode. This
input is asynchronous to the CLK.
3
CLK
Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying
this pin to VSS, enables the internal laser-trimmed oscillator.
4
SSTRB
This is an active low three-state output that provides a framing pulse for serial data. An external
4.7 k
Ω pull-up resistor is required on SSTRB.
5
SCLK
Serial Clock. SCLK is the gated serial clock output derived from the internal or external ADC
clock. If the 14/
8/CLK input is at –5 V, then the SCLK runs continuously. With CONTROL
at 0 V, it is gated off (three-state) after serial transmission is complete. SCLK is an open-drain
output and requires an external 2 k
Ω pull-up resistor.
6
SDATA
Serial Data. This is the three-state serial data output used in conjunction with SCLK and
SSTRB in
serial data transmission. Serial data is valid on the falling edge of SCLK, when
SSTRB is low. An
external 4.7 k
Ω pull-up resistor is required on SDATA.
7
NC
No Connect.
8
DGND
Digital Ground. Ground return for digital circuitry.
9VDD
Positive Supply for analog circuitry, +5 V
± 5%.
10
NC
No Connect.
11
CREF
Decoupling point for on-chip reference. Connect 10 nF capacitor between this pin and AGND.
12
AGND
Analog Ground. Ground reference for analog circuitry.
13
REF OUT
Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load
capability is 500
µA.
14
VIN
Analog Input. The input range is
±3 V.
15
VSS
Negative Supply, –5 V
± 5%.
16
VDD
Positive Supply for analog circuitry, +5 V
± 5%. Pin 16 and Pin 9 should be connected together.
PIN CONFIGURATIONS
DIP
DIP, SOIC
PLCC


Número de pieza similar - AD7871_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7871JN AD-AD7871JN Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JN AD-AD7871JN Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JP AD-AD7871JP Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JP AD-AD7871JP Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871KN AD-AD7871KN Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

Descripción similar - AD7871_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com