Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7892 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7892
Descripción Electrónicos  LC MOS Single Supply, 12-Bit 600 kSPS ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7892 Datasheet(HTML) 4 Page - Analog Devices

  AD7892_15 Datasheet HTML 1Page - Analog Devices AD7892_15 Datasheet HTML 2Page - Analog Devices AD7892_15 Datasheet HTML 3Page - Analog Devices AD7892_15 Datasheet HTML 4Page - Analog Devices AD7892_15 Datasheet HTML 5Page - Analog Devices AD7892_15 Datasheet HTML 6Page - Analog Devices AD7892_15 Datasheet HTML 7Page - Analog Devices AD7892_15 Datasheet HTML 8Page - Analog Devices AD7892_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD7892
–4–
REV. C
TIMING CHARACTERISTICS1, 2
A, B
S
Parameter
Versions
Version
Unit
Test Conditions/Comments
tCONV
1.47
µs max
Conversion Time for AD7892-3
1.6
1.68
µs max
Conversion Time for AD7892-1, AD7892-2
tACQ
200
ns min
Acquisition Time for AD7892-3
400
320
ns min
Acquisition Time for AD7892-1, AD7892-2
Parallel Interface
t1
35
45
ns min
CONVST Pulsewidth
t2
60
60
ns min
EOC Pulsewidth
t3
0
0
ns min
EOC Falling Edge to CS Falling Edge Setup Time
t4
0
0
ns min
CS to RD Setup Time
t5
35
45
ns min
Read Pulsewidth
t6
3
35
40
ns max
Data Access Time After Falling Edge of
RD
t7
4
5
5
ns min
Bus Relinquish Time After Rising Edge of
RD
30
40
ns max
t8
0
0
ns min
CS to RD Hold Time
t9
200
200
ns min
RD to CONVST Setup Time
Serial Interface
t10
30
35
ns min
RFS Low to SCLK Falling Edge Setup Time
t11
3
25
30
ns max
RFS Low to Data Valid Delay
t12
25
25
ns min
SCLK High Pulsewidth
t13
25
25
ns min
SCLK Low Pulsewidth
t14
3
5
5
ns min
SCLK Rising Edge to Data Valid Hold Time
t15
3
25
30
ns max
SCLK Rising Edge to Data Valid Delay
t16
20
30
ns min
RFS to SCLK Falling Edge Hold Time
t17
4
0
0
ns min
Bus Relinquish Time after Rising Edge of
RFS
30
30
ns max
t17A
4
0
0
ns min
Bus Relinquish Time after Rising Edge of SCLK
30
30
ns max
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are measured with tr = tf = 1 ns (10% to 90% of +5 V) and timed from a voltage level of +1.6 V.
2See Figures 2 and 3.
3Measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
4These times are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
5Assumes CMOS loads on the data bits. With TTL loads, more current is drawn from the data lines and the
RD to CONVST time needs to be extended to 400 ns min.
Specifications subject to change without notice.
1.6mA
+1.6V
200 A
50pF
TO
OUTPUT
PIN
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7892 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
(VDD = +5 V
5%, AGND = DGND = 0 V, REF IN = +2.5 V)
WARNING!
ESD SENSITIVE DEVICE


Número de pieza similar - AD7892_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
More results

Descripción similar - AD7892_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7882 AD-AD7882_15 Datasheet
3Mb / 12P
   LC MOS 16 BIT 300 KSPS SAMPLING ADC
AD7880 AD-AD7880_15 Datasheet
340Kb / 16P
   LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7672 AD-AD7672_15 Datasheet
1Mb / 20P
   LC MOS HIGH SPEED 12 BIT ADC
REV. A
AD7572AJNZ10 AD-AD7572AJNZ10 Datasheet
819Kb / 12P
   LC MOS Complete, High Speed 12-Bit ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com