Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7898 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD7898
Descripción Electrónicos  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7898 Datasheet(HTML) 2 Page - Analog Devices

  AD7898_15 Datasheet HTML 1Page - Analog Devices AD7898_15 Datasheet HTML 2Page - Analog Devices AD7898_15 Datasheet HTML 3Page - Analog Devices AD7898_15 Datasheet HTML 4Page - Analog Devices AD7898_15 Datasheet HTML 5Page - Analog Devices AD7898_15 Datasheet HTML 6Page - Analog Devices AD7898_15 Datasheet HTML 7Page - Analog Devices AD7898_15 Datasheet HTML 8Page - Analog Devices AD7898_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. A
AD7898–SPECIFICATIONS1
(VDD = 4.75 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V; REF IN = 2.5 V. Specifications apply
to both Mode 0 and Mode 1 operations; TA = TMIN to TMAX, unless otherwise noted.)
Parameter
A Version
l
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal to (Noise + Distortion) Ratio
2
TMIN to TMAX
71
dB min
fIN = 30 kHz Sine Wave
Total Harmonic Distortion (THD)
2
–78
dB max
fIN = 30 kHz Sine Wave
Peak Harmonic or Spurious Noise
2
–89
dB typ
fIN = 30 kHz Sine Wave
Intermodulation Distortion (IMD)
2
fa = 29.1 kHz, fb = 29.9 kHz
2nd Order Terms
–88
dB typ
3rd Order Terms
–88
dB typ
Aperture Delay
20
ns typ
Aperture Jitter
75
ps typ
Full Power Bandwidth–AD7898-10
3.6
MHz typ
@ 3 dB
Full Power Bandwidth–AD7898-3
4.7
MHz typ
@ 3 dB
Full Power Bandwidth–AD7898-10
2.15
MHz typ
@ 1 dB
Full Power Bandwidth–AD7898-3
2.4
MHz typ
@ 1 dB
DC ACCURACY
Resolution
12
Bits
Minimum Resolution for Which
12
Bits
No Missing Codes are Guaranteed
Relative Accuracy
2
±1
LSB max
Differential Nonlinearity
2
±0.9
LSB max
Positive Full-Scale Error
2
±3
LSB max
Negative Full-Scale Error
2
±3
LSB max
Bipolar Zero Error
±4
LSB max
ANALOG INPUT
AD7898-10
Input Voltage Range
±10
Volts
Input Resistance
24
k
Ω min
AD7898-3
Input Voltage Range
±2.5
Volts
Input Resistance
5
k
Ω min
REFERENCE INPUT
REF IN Input Voltage Range
2.375/2.625
V min/V max
2.5 V
± 5%
Input Current
1
µA max
Input Capacitance
2, 3
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE
× 0.7
V min
Input Low Voltage, VINL
4
VDRIVE
× 0.3
V max
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN
2, 3
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.4
V min
ISOURCE = 200
µA; V
DRIVE = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200
µA
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance
2, 3
10
pF max
Output Coding
Twos Complement
CONVERSION RATE
Mode 0 Operation
220
kSPS max
With VDRIVE = 5 V
± 5%
215
kSPS max
With VDRIVE = 2.7 V to 3.6 V
Mode 1 Operation
220
kSPS max
POWER REQUIREMENTS
VDD
4.75 to 5.25
V min to V max
For Specified Performance
VDRIVE
2.7 to 5.25
V min to V max
For Specified Performance
IDD Static
4.25
mA max
Digital Inputs @ VDRIVE
IDD Operational
4.5
mA max
Digital Inputs @ VDRIVE
Power Dissipation
22.5
mW max
POWER-DOWN MODE
IDD @ 25
°C5
µA max
Digital Inputs @ GND, VDD = 5 V
± 5%
TMIN to TMAX
20
µA max
Digital Inputs @ GND, VDD = 5 V
± 5%
Power Dissipation @ 25
°C (Operational)
25
µW max
VDD = 5 V
NOTES
1Temperature ranges are as follows: A Version: –40
°C to +85°C.
2See Terminology.
3Sample tested @ 25
°C to ensure compliance.
4Operational with V
DRIVE = 2.35 V, with Input Low Voltage, VINL = 0.4 V
Specifications subject to change without notice.


Número de pieza similar - AD7898_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
More results

Descripción similar - AD7898_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7898ARZ-10 AD-AD7898ARZ-10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR10 AD-AD7898AR10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com