Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWLF1523P1X51 Datasheet(PDF) 5 Page - Finisar Corporation.

No. de pieza FWLF1523P1X51
Descripción Electrónicos  125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1523P1X51 Datasheet(HTML) 5 Page - Finisar Corporation.

  FWLF1523P1X51 Datasheet HTML 1Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 2Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 3Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 4Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 5Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 6Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 7Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 8Page - Finisar Corporation. FWLF1523P1X51 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FWLF1523P1x51 Pluggable SFP Product Specifications
F i n i s a r
© Finisar Corporation May 2011, Rev. A
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
125
155
Mb/s
1,2
Bit Error Rate
BER
10
-12
3
Max. Supported Link Length on
9/125
μm SMF @ OC-3
LMAX4
80
km
4
Notes:
1.
Compatible with SONET OC-3 LR-2 as the output power is 5dB higher than the OC-3 requirement.
2.
Compatible with Fast Ethernet as the performances are tested only with PRBS data saving DC balance.
3.
Tested with a PRBS 2
23-1, NRZ test pattern.
4. Attenuation of 0.275 dB/km is used for the link length calculations (per GR-253 CORE). Distances are
indicative only.
VI.
Environmental Specifications
Finisar 1511nm OSC SFP transceivers have the following operating and storage case
temperature ranges,
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating
Comm. Temp.
TOP
0
+70
°C
Extended Temp.
-20
+85
°C
Storage Temperature
Tsto
-40
+85
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of EN (IEC)
60950. Copies of certificates are available at Finisar Corporation upon request.


Número de pieza similar - FWLF1523P1X51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
More results

Descripción similar - FWLF1523P1X51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
logo
Finisar Corporation.
FTLF1518P1BTL FINISAR-FTLF1518P1BTL Datasheet
648Kb / 10P
   1.25Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1421P1BTL-3G FINISAR-FTLF1421P1BTL-3G Datasheet
638Kb / 10P
   RoHS Compliant Pluggable SFP Transceiver for 3G Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com