Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8004 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8004
Descripción Electrónicos  Quad 3000 V/s, 35 mW Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8004 Datasheet(HTML) 1 Page - Analog Devices

  AD8004_15 Datasheet HTML 1Page - Analog Devices AD8004_15 Datasheet HTML 2Page - Analog Devices AD8004_15 Datasheet HTML 3Page - Analog Devices AD8004_15 Datasheet HTML 4Page - Analog Devices AD8004_15 Datasheet HTML 5Page - Analog Devices AD8004_15 Datasheet HTML 6Page - Analog Devices AD8004_15 Datasheet HTML 7Page - Analog Devices AD8004_15 Datasheet HTML 8Page - Analog Devices AD8004_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REV. C
a
AD8004
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Quad 3000 V/ s, 35 mW
Current Feedback Amplifier
FEATURES
High Speed
250 MHz –3 dB Bandwidth (G = +1)
3000 V/ s Slew Rate
21 ns Settling Time to 0.1%
1.8 ns Rise Time for 2 V Step
Low Power
3.5 mA/Amp Power Supply Current (35 mW/Amp)
Single Supply Operation
Fully Specified for +5 V Supply
Good Video Specifications (RL = 150
, G = +2)
Gain Flatness 0.1 dB to 30 MHz
0.04% Differential Gain Error
0.10 Differential Phase Error
Low Distortion
–78 dBc THD at 5 MHz
–61 dBc THD at 20 MHz
High Output Current of 50 mA
Available in a 14-Lead PDIP, SOIC, and CERDIP
APPLICATIONS
Image Scanners
Active Filters
Video Switchers
Special Effects
GENERAL DESCRIPTION
The AD8004 is a quad, low power, high speed amplifier designed
to operate on single or dual supplies. It utilizes a current feed-
back architecture and features high slew rate of 3000 V/
ms
making the AD8004 ideal for handling large amplitude pulses.
Additionally, the AD8004 provides gain flatness of 0.1 dB to
FREQUENCY – MHz
1
–4
–9
1
500
10
40
100
–3
–2
–1
0
–5
–6
–7
–8
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
5VS
+5VS
+5VS
5VS
G = +2
VIN = 50mV rms
RL = 100
RF = 1.10k
R PACKAGE
Figure 1. Frequency Response and Flatness, G = +2
CONNECTION DIAGRAM
PDIP (N), CERDIP (Q), and
SOIC (R) Packages
14
13
12
11
10
9
8
1
2
3
4
7
6
5
1
23
4
AD8004
(TOP VIEW)
OUTPUT
–IN
+IN
+VS
+IN
–IN
OUTPUT
–VS
+IN
–IN
OUTPUT
OUTPUT
–IN
+IN
30 MHz while offering differential gain and phase error of
0.04% and 0.10
∞. This makes the AD8004 suitable for video
electronics such as cameras and video switchers.
The AD8004 offers low power of 3.5 mA/amplifier and can run
on a single +4 V to +12 V power supply, while being capable of
delivering up to 50 mA of load current. All this is offered in a
small 14-lead DIP or 14-lead SOIC package. These features
make this amplifier ideal for portable and battery powered appli-
cations where size and power are critical.
The outstanding bandwidth of 250 MHz along with 3000 V/
ms
of slew rate make the AD8004 useful in many general-purpose,
high speed applications where dual power supplies of up to
±6V
and single supplies from 4 V to 12 V are needed. The AD8004
is available in the industrial temperature range of –40
∞C to +85∞C
in the N and R packages, and in the military temperature range
of –55
∞C to +125∞C in the Q package.
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
1ST
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
–0.04
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH 11TH
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH 11TH
80 IRE
RL = 150
VS = 5V
RF = 1.21k
80 IRE
RL = 150
VS = 5V
RF = 1.21k
Figure 2. Differential Gain/Differential Phase


Número de pieza similar - AD8004_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
More results

Descripción similar - AD8004_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004_03 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com