Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8011AR-REEL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8011AR-REEL
Descripción Electrónicos  300 MHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8011AR-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8011AR-REEL Datasheet HTML 2Page - Analog Devices AD8011AR-REEL Datasheet HTML 3Page - Analog Devices AD8011AR-REEL Datasheet HTML 4Page - Analog Devices AD8011AR-REEL Datasheet HTML 5Page - Analog Devices AD8011AR-REEL Datasheet HTML 6Page - Analog Devices AD8011AR-REEL Datasheet HTML 7Page - Analog Devices AD8011AR-REEL Datasheet HTML 8Page - Analog Devices AD8011AR-REEL Datasheet HTML 9Page - Analog Devices AD8011AR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
REV. C
Typical Performance Characteristics–AD8011
–5–
20mV
5ns
*TPC 1. 100 mV Step Response; G = +2,
VS =
±2.5 V or ±5 V
800mV
10ns
4V STEP
2V STEP
*TPC 2. Step Response; G = +2, VS =
±2.5 V
(2 V Step) and
±5 V (4 V Step)
6.5
6.4
6.3
6.2
6.1
5.9
5.8
5.7
1
10
100
500
FREQUENCY (MHz)
6.0
5.6
5.5
VS = +5V
VS = 5V
G = +2
VIN = 100mV p-p
RL = 1k
RF = 1k
TPC 3. Gain Flatness; G = +2
20mV
5ns
*TPC 4. 100 mV Step Response; G = –1,
VS =
±2.5 V or ±5 V
800mV
10ns
4V STEP
2V STEP
*TPC 5. Step Response; G = –1, VS =
±2.5 V
(2 V Step) and
±5 V (4 V Step)
9
8
7
6
5
3
2
10
100
1000
10000
LOAD RESISTANCE ( )
4
1
0
+5V
5V
TPC 6. Output Voltage Swing vs. Load
*NOTE: VS =
±5 V operation is identical to V
S = +5 V single-supply operation.


Número de pieza similar - AD8011AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results

Descripción similar - AD8011AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com