Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8027 Datasheet(PDF) 5 Page - Analog Devices |
|
AD8027 Datasheet(HTML) 5 Page - Analog Devices |
5 / 25 page AD8027/AD8028 Rev. C | Page 4 of 24 VS = 5 V at TA = 25°C, RL = 1 kΩ to midsupply, unless otherwise noted. Table 2. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth G = 1, V O = 0.2 V p-p 131 185 MHz G = 1, V O = 2 V p-p 18 28 MHz Bandwidth for 0.1 dB Flatness G = 2, V O = 0.2 V p-p 12 MHz Slew Rate G = +1, V O = 2 V step/G = −1, VO = 2 V step 85/100 V/μs Settling Time to 0.1% G = 2, V O = 2 V step 40 ns NOISE/DISTORTION PERFORMANCE Spurious-Free Dynamic Range (SFDR) f C = 1 MHz, VO = 2 V p-p, RF = 24.9 Ω 90 dBc f C = 5 MHz, VO = 2 V p-p, RF = 24.9 Ω 64 dBc Input Voltage Noise f = 100 kHz 4.3 nV/√Hz Input Current Noise f = 100 kHz 1.6 pA/√Hz Differential Gain Error NTSC, G = 2, RL = 150 Ω 0.1 % Differential Phase Error NTSC, G = 2, RL = 150 Ω 0.2 Degrees Crosstalk, Output to Output G = 1, RL = 100 Ω, VOUT = 2 V p-p, VS = ±5 V @ 1 MHz −92 dB DC PERFORMANCE Input Offset Voltage SELECT = three-state or open, PNP active 200 800 μV SELECT = high NPN active 240 900 μV Input Offset Voltage Drift TMIN to TMAX 2 μV/°C Input Bias Current1 VCM = 2.5 V, NPN active 4 6 μA TMIN to TMAX 4 μA VCM = 2.5 V, PNP active −8 −11 μA TMIN to TMAX −8 μA Input Offset Current ±0.1 ±0.9 μA Open-Loop Gain V O = 1 V to 4 V 96 105 dB INPUT CHARACTERISTICS Input Impedance 6 MΩ Input Capacitance 2 pF Input Common-Mode Voltage Range −0.2 to +5.2 V Common-Mode Rejection Ratio VCM = 0 V to 2.5 V 90 105 dB SELECT PIN Crossover Low, Selection Input Voltage Three-state < ±20 μA 1.7 to 5 V Crossover High, Selection Input Voltage 1.1 to 1.7 V Disable Input Voltage 0 to 1.1 V Disable Switching Speed 50% of input to <10% of final V O 1100 ns Enable Switching Speed 50 ns OUTPUT CHARACTERISTICS Overdrive Recovery Time (Rising/Falling Edge) V I = −1 V to +6 V, G = −1 50/50 ns Output Voltage Swing R L = 1 kΩ −VS + 0.08 +VS − 0.04, −VS + 0.04 +VS − 0.08 V Off Isolation VIN = 0.2 V p-p, f = 1 MHz, SELECT = low −49 dB Short-Circuit Current Sinking and sourcing 105 mA Capacitive Load Drive 30% overshoot 20 pF POWER SUPPLY Operating Range 2.7 12 V Quiescent Current/Amplifier 6 8.5 mA Quiescent Current (Disabled) SELECT = low 320 450 μA Power Supply Rejection Ratio VS ± 1 V 90 105 dB 1 No sign or a plus sign indicates current into the pin; a minus sign indicates current out of the pin. |
Número de pieza similar - AD8027_15 |
|
Descripción similar - AD8027_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |