Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8113 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8113
Descripción Electrónicos  Audio/Video 60 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8113 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8113_15 Datasheet HTML 5Page - Analog Devices AD8113_15 Datasheet HTML 6Page - Analog Devices AD8113_15 Datasheet HTML 7Page - Analog Devices AD8113_15 Datasheet HTML 8Page - Analog Devices AD8113_15 Datasheet HTML 9Page - Analog Devices AD8113_15 Datasheet HTML 10Page - Analog Devices AD8113_15 Datasheet HTML 11Page - Analog Devices AD8113_15 Datasheet HTML 12Page - Analog Devices AD8113_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
REV. A
AD8113
–8–
PIN CONFIGURATION
5
4
3
2
7
6
9
8
1
DVCC
DGND
AGND
IN07
AGND
IN06
AGND
IN05
AGND
IN04
AGND
IN03
AGND
IN02
AGND
IN01
AGND
IN00
AGND
AVEE
AVCC
AVCC00
OUT00
AVEE00/01
OUT01
DVCC
DGND
AGND
IN08
AGND
IN09
AGND
IN10
AGND
IN11
AGND
IN12
AGND
IN13
AGND
IN14
AGND
IN15
AGND
AVEE
AVCC
AVCC15
OUT15
AVEE14/15
OUT14
71
72
73
74
69
70
67
68
65
66
75
60
61
62
63
58
59
56
57
54
55
64
52
53
51
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
25
AD8113
NC = NO CONNECT


Número de pieza similar - AD8113_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
More results

Descripción similar - AD8113_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
logo
Level One
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9304 LVL1-AVE-9304 Datasheet
1Mb / 4P
   Audio/Video Extenders
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
   Audio/Video Switch
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
   AUDIO/VIDEO DECODER
logo
Level One
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
   Audio/Video Extenders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com