Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8115 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8115
Descripción Electrónicos  Low Cost 225 MHz
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8115 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8115_15 Datasheet HTML 5Page - Analog Devices AD8115_15 Datasheet HTML 6Page - Analog Devices AD8115_15 Datasheet HTML 7Page - Analog Devices AD8115_15 Datasheet HTML 8Page - Analog Devices AD8115_15 Datasheet HTML 9Page - Analog Devices AD8115_15 Datasheet HTML 10Page - Analog Devices AD8115_15 Datasheet HTML 11Page - Analog Devices AD8115_15 Datasheet HTML 12Page - Analog Devices AD8115_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD8114/AD8115
Rev. B | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
12.0 V
Internal Power Dissipation1
AD8114/AD8115 100-Lead
Plastic LQFP (ST)
2.6 W
Input Voltage
±VS
Output Short-Circuit Duration
Observe power
derating curves
Storage Temperature Range2
−65°C to +125°C
1 Specification is for device in free air (TA = 25°C):
100-lead plastic LQFP (ST):
θJA = 40°C/W.
2 Maximum reflow temperatures are to JEDEC industry standard J-STD-020.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8114/AD8115 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 125°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 125°C for an extended
period can result in device failure.
While the AD8114/AD8115 are internally short-circuit
protected, this may not be sufficient to guarantee that the
maximum junction temperature (125°C) is not exceeded under
all conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curves shown in Figure 5.
TJ = 125°C
AMBIENT TEMPERATURE (
°C)
5
4
3
2
1
0
–50 –40 –30 –20 –10
0
10
20
30
40
50 60
70
80
90
Figure 5. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - AD8115_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8115-EB AD-AD8115-EB Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8115-EVAL AD-AD8115-EVAL Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8115AST AD-AD8115AST Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8115AST AD-AD8115AST Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8115ASTZ AD-AD8115ASTZ Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
More results

Descripción similar - AD8115_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8114 AD-AD8114_05 Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
   130/225 MHz Low Power Prescalers
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
   Low Pass Filter DC to 225 MHz
logo
RF Monolithics, Inc
SF2244A RFM-SF2244A Datasheet
320Kb / 5P
   225 MHz SAW Filter
logo
TriQuint Semiconductor
855844 TRIQUINT-855844_15 Datasheet
475Kb / 5P
   225 MHz SAW Filter
logo
KR Electronics, Inc.
2893 KR-2893 Datasheet
42Kb / 2P
   225 MHz Center Frequency
logo
Murata Manufacturing Co...
SF2244A MURATA-SF2244A Datasheet
320Kb / 5P
   225 MHz SAW Filter
logo
TriQuint Semiconductor
855844 TRIQUINT-855844 Datasheet
511Kb / 5P
   225 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com