Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8143 Datasheet(PDF) 6 Page - Analog Devices |
|
AD8143 Datasheet(HTML) 6 Page - Analog Devices |
6 / 24 page AD8143 Rev. 0 | Page 6 of 24 Parameter Conditions Min Typ Max Unit POWER-DOWN PERFORMANCE Power-Down VIH VS+ − 1.5 V Power-Down VIL VS+ − 2.5 V Power-Down IIH PD = VCC 1 μA Power-Down IIL PD = GND 230 μA Power-Down Assert Time 0.5 μs POWER SUPPLY Operating Range 4.5 24 V Quiescent Current, Positive Supply 39.0 49.5 mA Quiescent Current, Negative Supply 34.5 43.5 mA PSRR, Positive Supply DC −80 −74 dB PSRR, Negative Supply DC −80 −75 dB |
Número de pieza similar - AD8143_15 |
|
Descripción similar - AD8143_15 |