Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8151 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8151
Descripción Electrónicos  Digital Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8151_15 Datasheet HTML 5Page - Analog Devices AD8151_15 Datasheet HTML 6Page - Analog Devices AD8151_15 Datasheet HTML 7Page - Analog Devices AD8151_15 Datasheet HTML 8Page - Analog Devices AD8151_15 Datasheet HTML 9Page - Analog Devices AD8151_15 Datasheet HTML 10Page - Analog Devices AD8151_15 Datasheet HTML 11Page - Analog Devices AD8151_15 Datasheet HTML 12Page - Analog Devices AD8151_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD8151
Rev. B | Page 9 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
100ps/DIV
Figure 5. Eye Pattern 2.5 Gbps, PRBS 23
20ps/DIV
p-p = 43ps
STD DEV = 8ps
Figure 6. Jitter @ 2.5 Gbps, PRBS 23
100
90
80
70
60
50
40
30
20
10
0
0.5
3.5
3.0
2.5
2.0
1.5
1.0
DATA RATE (Gbps)
% EYE WIDTH =
× 100
(CLOCK PERIOD – JITTER p-p)
CLOCK PERIOD
Figure 7. Eye Width vs. Data Rate, PRBS 23
70ps/DIV
Figure 8. Eye Pattern 3.2 Gbps, PRBS 23
20ps/DIV
p-p = 53ps
STD DEV = 8ps
Figure 9. Jitter @ 3.2 Gbps, PRBS 23
100
90
80
70
60
50
40
30
20
10
0
0.5
3.5
3.0
2.5
2.0
1.5
1.0
DATA RATE (Gbps)
% EYE HEIGHT =
× 100
(VOUT @ DATA RATE)
VOUT @ 0.5Gbps
Figure 10. Eye Height vs. Data Rate, PRBS 23


Número de pieza similar - AD8151_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8151-EVAL AD-AD8151-EVAL Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
AD8151AST AD-AD8151AST Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
More results

Descripción similar - AD8151_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
logo
TriQuint Semiconductor
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
   1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com