Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8150 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8150
Descripción Electrónicos  Crosspoint Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8150_15 Datasheet HTML 6Page - Analog Devices AD8150_15 Datasheet HTML 7Page - Analog Devices AD8150_15 Datasheet HTML 8Page - Analog Devices AD8150_15 Datasheet HTML 9Page - Analog Devices AD8150_15 Datasheet HTML 10Page - Analog Devices AD8150_15 Datasheet HTML 11Page - Analog Devices AD8150_15 Datasheet HTML 12Page - Analog Devices AD8150_15 Datasheet HTML 13Page - Analog Devices AD8150_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD8150
Rev. A | Page 10 of 44
RMS
PK-PK
IOUT (mA)
100
80
60
40
20
0
0
5
10
15
20
25
VEE = –3.3V
Figure 11. Jitter vs. IOUT 1.5 Gbps, PRBS 23
RMS
PK-PK
TEMPERATURE (
°C)
100
80
60
40
20
0
–25
0
25
50
75
125
100
VEE = –3.3V
Figure 12. Jitter vs. Temperature 1.5 Gbps, PRBS 23
TIME DOMAIN
223–1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA
ERROR-FREE PERCENTAGE VALUE WAS COMPUTED
USING THE FOLLOWING FORMULA:
(DATA_PERIOD – PPJITTER)
× 100 / DATA_PERIOD
TIME DOMAIN
VINNER 100 / VINNER @500Mbps
VOLTAGE (INNER EYE)
VOLTAGE (INNER EYE)
DATA RATE (Mbps)
100
80
60
40
20
0
0
500
1000
1500
VEE = –3.3V
Figure 13. AC Performance
RMS
PK-PK
IOUT (mA)
100
80
60
40
20
0
0
5
10
15
20
25
VEE = –5V
Figure 14. Jitter vs. IOUT 1.5 Gbps, PRBS 23
RMS
PK-PK
TEMPERATURE (
°C)
100
80
60
40
20
0
–25
0
25
50
75
125
100
VEE = –5V
Figure 15. Jitter vs. Temperature 1.5 Gbps, PRBS 23
TIME DOMAIN
223–1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA
ERROR-FREE PERCENTAGE VALUE WAS COMPUTED
USING THE FOLLOWING FORMULA:
(DATA_PERIOD – PPJITTER)
× 100 / DATA_PERIOD
TIME DOMAIN
VINNER 100 / VINNER @500Mbps
VOLTAGE (INNER EYE)
VOLTAGE (INNER EYE)
DATA RATE (Mbps)
100
80
60
40
20
0
0
500
1000
1500
VEE = –5V
Figure 16. AC Performance


Número de pieza similar - AD8150_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
More results

Descripción similar - AD8150_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC6464 VITESSE-VSC6464 Datasheet
90Kb / 10P
   64x64 Crosspoint Switch
logo
Analog Devices
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com