Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8216 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8216
Descripción Electrónicos  High Bandwidth, Bidirectional 65 V Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8216 Datasheet(HTML) 5 Page - Analog Devices

  AD8216_15 Datasheet HTML 1Page - Analog Devices AD8216_15 Datasheet HTML 2Page - Analog Devices AD8216_15 Datasheet HTML 3Page - Analog Devices AD8216_15 Datasheet HTML 4Page - Analog Devices AD8216_15 Datasheet HTML 5Page - Analog Devices AD8216_15 Datasheet HTML 6Page - Analog Devices AD8216_15 Datasheet HTML 7Page - Analog Devices AD8216_15 Datasheet HTML 8Page - Analog Devices AD8216_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8216
Rev. B | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
5
6
7
8
Figure 2. Metallization Diagram
–IN
1
GND
2
VREF2 3
NC
4
+IN
8
VREF1
7
V+
6
OUT
5
NC = NO CONNECT
AD8216
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X
Y
1
−IN
−320
+390
2
GND
−357
+14
3
VREF2
−349
−201
4
NC
NC
NC
5
OUT
+348
−325
6
V+
+349
−194
7
VREF1
+349
−26
8
+IN
+318
+390
Die size is 1100 μm by 1035 μm.
Die thickness is 13 mil.
Minimum passivation opening (minimum bond pad size)
is 92 μm × 92 μm.
Passivation type is 8 kA USG (Oxide) + 10 kA Oxynitride.
Bond pad metal composition is 98.5% Al, 1% Si, and 0.5% Cu.
Backside potential is V+.


Número de pieza similar - AD8216_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8216YRZ AD-AD8216YRZ Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8216YRZ-R7 AD-AD8216YRZ-R7 Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8216YRZ-RL AD-AD8216YRZ-RL Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
More results

Descripción similar - AD8216_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8207 AD-AD8207 Datasheet
441Kb / 16P
   Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com