Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8216 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8216
Descripción Electrónicos  High Bandwidth, Bidirectional 65 V Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8216 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8216_15 Datasheet HTML 2Page - Analog Devices AD8216_15 Datasheet HTML 3Page - Analog Devices AD8216_15 Datasheet HTML 4Page - Analog Devices AD8216_15 Datasheet HTML 5Page - Analog Devices AD8216_15 Datasheet HTML 6Page - Analog Devices AD8216_15 Datasheet HTML 7Page - Analog Devices AD8216_15 Datasheet HTML 8Page - Analog Devices AD8216_15 Datasheet HTML 9Page - Analog Devices AD8216_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8216
Data Sheet
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
500
–500
–400
–300
–200
–100
0
100
200
300
400
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 4. Typical Offset Drift
120
110
100
90
80
70
60
50
40
30
20
10
0
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 5. CMRR vs. Frequency
1500
–1500
–1300
–1100
–900
–700
–500
–300
–100
100
300
500
700
900
1100
1300
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 6. Typical Gain Drift
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–55
–50
–60
10k
10M
1M
100k
FREQUENCY (Hz)
Figure 7. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
TIME (200ns/DIV)
OUTPUT (500mV/DIV)
INPUT (200mV/DIV)
Figure 8. Rise Time
TIME (200ns/DIV)
OUTPUT (500mV/DIV)
INPUT (200mV/DIV)
Figure 9. Fall Time


Número de pieza similar - AD8216_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8216YRZ AD-AD8216YRZ Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8216YRZ-R7 AD-AD8216YRZ-R7 Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8216YRZ-RL AD-AD8216YRZ-RL Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
More results

Descripción similar - AD8216_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8207 AD-AD8207 Datasheet
441Kb / 16P
   Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com