Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC2881_15 Datasheet(Hoja de datos) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de Pieza. 2SC2881_15
Descripción  NPN Transistors
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo 

   
 1 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC2881
Features
Small Flat Package
High Transition Frequency
High Voltage
Complementary to 2SA1201
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100u A,IE= 0
120
Collector- emitter breakdown voltage
VCEO
Ic= 10mA, IB= 0
120
Emitter - base breakdown voltage
VEBO
IE= 100uA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 120V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50mA
1
Base - emitter saturation voltage
VBE(sat) IC=500 mA, IB=50mA
1.2
Base - emitter voltage
VBE
VCE= 5V, IC= 0.5A
1
DC current gain
hFE
VCE= 5V, IC= 100mA
80
240
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
30
pF
Transition frequency
fT
VCE= 5V, IC= 100mA
120
MHz
V
uA
V
Classification of hfe
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
120
Collector - Emitter Voltage
VCEO
120
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
800
Base Current
IB
160
Collector Power Dissipation
PC
500
mW
Thermal Resistance From Junction To Ambient
RθJA
250
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Type
2SC2881-O
2SC2881-Y
Range
80-160
120-240
Marking
CO*
CY*




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl