Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8392 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8392
Descripción Electrónicos  Low Power, High Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8392 Datasheet(HTML) 1 Page - Analog Devices

  AD8392_15 Datasheet HTML 1Page - Analog Devices AD8392_15 Datasheet HTML 2Page - Analog Devices AD8392_15 Datasheet HTML 3Page - Analog Devices AD8392_15 Datasheet HTML 4Page - Analog Devices AD8392_15 Datasheet HTML 5Page - Analog Devices AD8392_15 Datasheet HTML 6Page - Analog Devices AD8392_15 Datasheet HTML 7Page - Analog Devices AD8392_15 Datasheet HTML 8Page - Analog Devices AD8392_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, High Output Current, Quad Op Amp,
Dual-Channel ADSL/ADSL2+ Line Driver
AD8392
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Four current feedback, high current amplifiers
Ideal for use as ADSL/ADSL2+ dual-channel Central Office
(CO) line drivers
Low power operation
Power supply operation from ±5 V (+10 V) up to ±12 V (+24 V)
Less than 3 mA/Amp quiescent supply current for full
power ADSL/ADSL2+ CO applications (20.4 dBm line
power, 5.5 CF)
Three active power modes plus shutdown
High output voltage and current drive
400 mA peak output drive current
44 V p-p differential output voltage
Low distortion
−72 dBc @1 MHz second harmonic
−82 dBc @ 1 MHz third harmonic
High speed: 900 V/µs differential slew rate
Additional functionality of AD8392ACP
On-chip common-mode voltage generation
APPLICATIONS
ADSL/ADSL2+ CO line drivers
XDSL line drives
High output current, low distortion amplifiers
DAC output buffer
GENERAL DESCRIPTION
The AD8392 is comprised of four high output current, low
power consumption, operational amplifiers. It is particularly
well suited for the CO driver interface in digital subscriber line
systems, such as ADSL and ADSL2+. The driver is capable of
providing enough power to deliver 20.4 dBm to a line, while
compensating for losses due to hybrid insertion and back
termination resistors. In addition, the low distortion, fast slew
rate, and high output current capability make the AD8392 ideal
for many other applications, including medical instrumenta-
tion, DAC output drivers, and other high peak current circuits.
The AD8392 is available in two thermally enhanced packages, a
28-lead TSSOP/EP (AD8392ARE) and a 5 mm × 5 mm 32-lead
LFCSP (AD8392ACP). Four bias modes are available via the use
of two digital bits (PD1, PD0).
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC = NO CONNECT
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD8392
PD0 1, 2
PD1 1, 2
+VIN1
NC
VOUT1
–VIN1
VEE
NC
NC
+VIN2
NC
VOUT2
–VIN2
VOUT3
–VIN3
+VIN3
GND
NC
NC
VCC
–VIN4
+VIN4
VEE
PD0 3, 4
PD1 3, 4
GND
VCC
VOUT4
1
3
2
4
Figure 1. AD8392ARE, 28-Lead TSSOP/EP
NC = NO CONNECT
1
2
3
4
5
6
7
8
910 11 12
13 14
24
23
22
21
20
19
18
17
16
15
32 31 30 29
28 27
25
26
AD8392
NC
VOUT1
–VIN1
NC
VOUT2
–VIN2
VOUT3
–VIN3
VCC
–VIN4
VCC
VOUT4
NC
NC
NC
NC
1
3
2
4
Figure 2. AD8392ACP, 32-Lead LFCSP 5 mm × 5 mm
Additionally, the AD8392ACP provides VCOM pins for on-chip
common mode voltage generation.
The low power consumption, high output current, high output
voltage swing, and robust thermal packaging enable the
AD8392 to be used as the CO line drivers in ADSL and other
xDSL systems, as well as other high current, single-ended or
differential amplifier applications.


Número de pieza similar - AD8392_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
More results

Descripción similar - AD8392_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8392A AD-AD8392A_15 Datasheet
553Kb / 12P
   Low Power, High Output Current
REV. 0
AD8394 AD-AD8394_15 Datasheet
67Kb / 2P
   Low Power, High Output Current
Rev. Sp0
AD8396 AD-AD8396_15 Datasheet
845Kb / 12P
   Low Power, High Output Current
REV. C
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com