Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1367-B Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SD1367-B
Descripción Electrónicos  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1367-B Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1367-B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1367-B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1367-B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1367
Typical Characterisitics
0
50
100
150
Ambient Temperature Ta (。C)
Maximum Collector Dissipation Curve
1.2
0.8
0.4
Typical Output Characteristics
100
80
20
60
40
0
2
4
6
8
10
Collector to Emitter Voltage VCE (V)
IB
= 0
0.05 mA
0.1
0.2
0.2
0.15
0.25
Typical Output Characteristics
2.0
1.6
0.4
1.2
0.8
0
0.4
0.8
1.2
1.6
2.0
Collector to Emitter Voltage VCE (V)
IB
= 0
5 mA
10
20
15
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
1
3
10
30
100
300
1,000
0
0.2
0.4
0.6
0.8
1.0
VCE = 2 V
Ta = 75 C
25
–25
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
1
3
10
30
100 300 1,000
10
30
100
300
1,000
30,00
10,000
Pusle
VCE = 2 V Ta = 75。C 25
–25
Saturation Voltage vs. Collector Current
0.003
0.01
0.03
0.1
0.3
1.0
3.0
Collector Current IC (mA)
3
10
30
100 300 1,000 3,000
VBE (sat)
VCE (sat)
lC = 10 lB


Número de pieza similar - 2SD1367-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SD1367-B-HF KEXIN-2SD1367-B-HF Datasheet
912Kb / 3P
   NPN Transistors
More results

Descripción similar - 2SD1367-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com