Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-1520-JP000 Datasheet(Hoja de datos) 6 Page - Agilent(Hewlett-Packard)

No. de Pieza. HLMP-1520-JP000
Descripción  T-1 (3 mm) High Intensity LED Lamps
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

   
 6 page
background image
6
T-1 Green Non-Diffused
Figure 13. Relative Luminous
Intensity vs. Forward Current.
Figure 12. Forward Current vs.
Forward Voltage Characteristics.
Figure 14. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak LED Current.
Figure 15. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDCMAX
as per MAX Ratings).
Figure 16. Relative Luminous Intensity vs. Angular Displacement.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HLMP-D101T-1 3/4 5 mm T-1 3 mm High Intensity Double Heterojunction AlGaAs Red LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-4100T-1 3/4 5 mm Double Heterojunction AlGaAs Very High Intensity Red LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-584UOLT-1 3/4 f5mm High Performance AllnGaP LED Lamps 1 2 Unity Opto Technology
MVL-584UYLT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5A4SOT-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMA-VH00T-13/4 5 mm Wide Viewing Angle High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-5A4UGT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
MVL-5A4UOLT-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMP-D101ADOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS 1 2 3 4 QT Optoelectronics
CMD6151T-1 3/4 High Contrast LED Lamps 1 Chicago Miniature Lamp,inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl