Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8567 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8567
Descripción Electrónicos  16 V Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8567 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8567_15 Datasheet HTML 4Page - Analog Devices AD8567_15 Datasheet HTML 5Page - Analog Devices AD8567_15 Datasheet HTML 6Page - Analog Devices AD8567_15 Datasheet HTML 7Page - Analog Devices AD8567_15 Datasheet HTML 8Page - Analog Devices AD8567_15 Datasheet HTML 9Page - Analog Devices AD8567_15 Datasheet HTML 10Page - Analog Devices AD8567_15 Datasheet HTML 11Page - Analog Devices AD8567_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8565/AD8566/AD8567
Rev. G | Page 8 of 16
–5
–1
–2
–3
–4
5
1
0
3
2
4
TEMPERATURE (°C)
VS = 4.5V
VS = 16V
–40
25
85
Figure 23. Input Offset Current vs. Temperature
–350
–150
–200
–250
–300
0
–50
–100
TEMPERATURE (°C)
VS = 4.5V
VS = 16V
–40
25
85
VCM = VS/2
Figure 24. Input Bias Current vs. Temperature
–20
–40
–180
–60
–80
–160
–100
–120
–140
FREQUENCY (Hz)
50
100
1k
10k
60k
16V
4.5V
Figure 25. Channel A vs. Channel B Crosstalk
COMMON-MODE VOLTAGE (V)
7
0
6
4
3
2
1
5
0
2
4
6
8
10
12
14
16
VS = 16V
AV = +1
RL = x
TA = 25°C
Figure 26. Frequency vs. Common-Mode Voltage (VS = 16 V)
6
5
0
4
3
2
1
0
1
2
3
4
5
COMMON-MODE VOLTAGE (V)
VS = 5V
AV = +1
RL = 10kΩ
TA = 25°C
Figure 27. Frequency vs. Common-Mode Voltage (VS = 5 V)


Número de pieza similar - AD8567_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8567ACP AD-AD8567ACP Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8567ACP-R2 AD-AD8567ACP-R2 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACP-REEL AD-AD8567ACP-REEL Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACP-REEL7 AD-AD8567ACP-REEL7 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACPZ-R2 AD-AD8567ACPZ-R2 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
More results

Descripción similar - AD8567_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com