Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8567 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8567
Descripción Electrónicos  16 V Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8567 Datasheet(HTML) 1 Page - Analog Devices

  AD8567_15 Datasheet HTML 1Page - Analog Devices AD8567_15 Datasheet HTML 2Page - Analog Devices AD8567_15 Datasheet HTML 3Page - Analog Devices AD8567_15 Datasheet HTML 4Page - Analog Devices AD8567_15 Datasheet HTML 5Page - Analog Devices AD8567_15 Datasheet HTML 6Page - Analog Devices AD8567_15 Datasheet HTML 7Page - Analog Devices AD8567_15 Datasheet HTML 8Page - Analog Devices AD8567_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 V Rail-to-Rail
Operational Amplifiers
AD8565/AD8566/AD8567
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 4.5 V to 16 V
Input capability beyond the rails
Rail-to-rail output swing
Continuous output current: 35 mA
Peak output current: 250 mA
Offset voltage: 10 mV
Slew rate: 6 V/μs
Unity gain stable with large capacitive loads
Supply current: 700 μA per amplifier
Qualified for automotive applications
APPLICATIONS
LCD reference drivers
Portable electronics
Communications equipment
Automotive infotainment systems
GENERAL DESCRIPTION
The AD8565/AD8566/AD8567 are low cost, single-supply, rail-
to-rail input and output operational amplifiers optimized for
LCD monitor applications. They are built on an advanced high
voltage CBCMOS process. The AD8565 contains a single
amplifier, the AD8566 has two amplifiers, and the AD8567 has
four amplifiers.
These LCD op amps have high slew rates, 35 mA continuous
output drive, 250 mA peak output drive, and a high capacitive
load drive capability. They have a wide supply range and offset
voltages below 10 mV. The AD8565/AD8566/AD8567 are ideal
for LCD grayscale reference buffer and VCOM applications.
The AD8565/AD8566/AD8567 are specified over the −40°C to
+85°C temperature range. The AD8565 single is available in a 5-
lead SC70 package. The AD8566 dual is available in an 8-lead
MSOP package. The AD8567 quad is available in a 14-lead
TSSOP package and a 16-lead LFCSP package.
The AD8566WARMZ is the automotive grade version.
PIN CONFIGURATIONS
1
2
3
5
4
–IN
+IN
V–
OUT
V+
AD8565
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SC70 Pin Configuration
45
2
7
36
1
8
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
AD8566
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP Pin Configuration
OUT B
+IN B
–IN B
V+
–IN A
+IN A
OUT A
8
7
510
9
6
4
11
3
1
2
3
12
1
14
OUT C
+IN C
–IN C
V–
–IN D
+IN D
OUT D
AD8567
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead TSSOP Pin Configuration
16
5
13
8
9
12
1
4
14
15
2
3
7
6
11
10
–IN D
+IN D
V–
+IN C
–IN A
+IN A
V+
+IN B
AD8567
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD MUST BE
CONNECTED TO PIN 3, THAT IS, V+.
2. NC = NO CONNECT.
Figure 4. 16-Lead LFCSP Pin Configuration


Número de pieza similar - AD8567_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8567ACP AD-AD8567ACP Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8567ACP-R2 AD-AD8567ACP-R2 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACP-REEL AD-AD8567ACP-REEL Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACP-REEL7 AD-AD8567ACP-REEL7 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACPZ-R2 AD-AD8567ACPZ-R2 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
More results

Descripción similar - AD8567_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com