Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8568 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD8568
Descripción Electrónicos  16 V Rail-to-Rail Buffer Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8568 Datasheet(HTML) 2 Page - Analog Devices

  AD8568_15 Datasheet HTML 1Page - Analog Devices AD8568_15 Datasheet HTML 2Page - Analog Devices AD8568_15 Datasheet HTML 3Page - Analog Devices AD8568_15 Datasheet HTML 4Page - Analog Devices AD8568_15 Datasheet HTML 5Page - Analog Devices AD8568_15 Datasheet HTML 6Page - Analog Devices AD8568_15 Datasheet HTML 7Page - Analog Devices AD8568_15 Datasheet HTML 8Page - Analog Devices AD8568_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. C
AD8568/AD8569/AD8570–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
210
mV
Offset Voltage Drift
∆VOS/∆T –40°C ≤ TA ≤ +85°C5
µV/°C
Input Bias Current
IB
80
600
nA
–40
°C ≤ T
A
≤ +85°C
800
nA
Input Voltage Range
–0.5
–VS + 0.5 V
Input Impedance
ZIN
400
k
Input Capacitance
CIN
1pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100
µAV
S – 0.005
V
VS = 16 V, IL = 5 mA
15.85
15.95
V
–40
°C ≤ TA ≤ +85°C
15.75
V
VS = 4.5 V, IL = 5 mA
4.2
4.38
V
–40
°C ≤ T
A
≤ +85°C
4.1
V
Output Voltage Low
VOL
IL = 100
µA5
mV
VS = 16 V, IL = 5 mA
42
150
mV
–40
°C ≤ T
A
≤ +85°C
250
mV
VS = 4.5 V, IL = 5 mA
95
300
mV
–40
°C ≤ T
A
≤ +85°C
400
mV
Continuous Output Current
IOUT
35
mA
Peak Output Current
IPK
VS = 16 V
250
mA
TRANSFER CHARACTERISTICS
Gain
AVCL
RL = 2 k
0.995
0.9985
1.005
V/V
–40
°C ≤ T
A
≤ +85°C
0.995
0.9980
1.005
V/V
Gain Linearity
NL
RL = 2 k
Ω, V
O = 0.5 to (VS – 0.5 V)
0.01
%
POWER SUPPLY
Supply Voltage
VS
4.5
16
V
Power Supply Rejection Ratio
PSRR
VS = 4 V to 17 V
–40
°C ≤ TA ≤ +85°C70
90
dB
Supply Current/Amplifier
ISY
VO = VS/2, No Load
700
850
µA
–40
°C ≤ T
A
≤ +85°C1
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
Ω, C
L = 200 pF
4
6
V/
µs
Bandwidth
BW
–3 dB, RL = 10 k
Ω, C
L = 10 pF
6
MHz
Phase Margin
Øo
RL = 10 k
Ω, CL = 10 pF
65
Degrees
Channel Separation
75
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
26
nV/
√Hz
en
f = 10 kHz
25
nV/
√Hz
Current Noise Density
in
f = 10 kHz
0.8
pA/
√Hz
Specifications subject to change without notice.
(4.5 V
≤ VS ≤ 16 V, VCM = VS/2, TA = 25 C, unless otherwise noted.)


Número de pieza similar - AD8568_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8568ART AD-AD8568ART Datasheet
127Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. A
AD8568ART-R2 AD-AD8568ART-R2 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568ART-REEL AD-AD8568ART-REEL Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568ART-REEL7 AD-AD8568ART-REEL7 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
More results

Descripción similar - AD8568_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568 Datasheet
127Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. A
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com