Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

28960-SWG-001-A Datasheet(PDF) 83 Page - M/A-COM Technology Solutions, Inc.

No. de pieza 28960-SWG-001-A
Descripción Electrónicos  Software Users Guide
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

28960-SWG-001-A Datasheet(HTML) 83 Page - M/A-COM Technology Solutions, Inc.

Back Button 28960-SWG-001-A_15 Datasheet HTML 79Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 80Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 81Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 82Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 83Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 84Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 85Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 86Page - M/A-COM Technology Solutions, Inc. 28960-SWG-001-A_15 Datasheet HTML 87Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
Bt8960
Appendix A Command Set Reference
Software User’s Guide
A.2 Status Request Commands
100251B
Conexant
A-27
Preliminary Information/Conexant Proprietary and Confidential
A.2.17 AAGC Value
Gets the current value of the 3 AAGC control bits.
A.2.17.1 Bit-pump Response
The 3 LSBs of this status byte reflect the state of the AAGC control bits. This command is useful
for calculating the true signal attenuation by compensating for the actual AAGC gain (see Far-End
Signal Attenuation command).
A.2.18 Read Tx Gain
Reads the Transmitter Calibration/Gain registers. The Transmitter Gain registers are a 4-bit, 2’s
complement value. The upper 4 bits of this field are ignored.
A.2.18.1 Bit-pump Response
The Tx Calibration Register contains the nominal setting for the transmitter gain. The Tx Gain
Register contains the current transmitter gain setting. On software initialization, the Tx Gain
register is programmed to the Tx Calibration register.
Opcode
Numeric Value
C Constant (defined in file api.h)
0x90
_AAGC_VALUE
Options
Option
Description
Data
Field
C Constant (api.h)
None
0x00
Opcode
Numeric Value
C Constant (defined in file api.h)
0x91
_READ_TX
Options
Option
Description
Data
Field
C Constant (api.h)
Tx Calibration
Transmitter Calibration Register
0x00
_CALIBRATION
Tx Gain
Transmitter Gain Register
0x01
_GAIN


Número de pieza similar - 28960-SWG-001-A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
More results

Descripción similar - 28960-SWG-001-A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
logo
Silicon Laboratories
AN204 SILABS-AN204 Datasheet
945Kb / 12P
   PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
logo
Texas Instruments
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
   DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com