Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HA-2640 Datasheet(Hoja de datos) 5 Page - Intersil Corporation

No. de Pieza. HA-2640
Descripción  4MHz, High Supply Voltage Operational Amplifiers
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo 

   
 5 page
background image
5
FIGURE 8. NORMALIZED AC PARAMETERS vs SUPPLY
VOLTAGE AT 25oC
FIGURE 9. OPEN LOOP FREQUENCY RESPONSE FOR
VARIOUS VALUES OF CAPACITORS FROM
COMPENSATION PIN TO GROUND
FIGURE 10. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 11. OUTPUT CURRENT CHARACTERISTIC
FIGURE 12. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 13. OUTPUT VOLTAGE SWING vs SUPPLY VOLTAGE
Typical Performance Curves VS = ±40V, TA = 25oC, Unless Otherwise Specified (Continued)
SUPPLY VOLTAGE (
±V)
0.8
SLEW RATE
BANDWIDTH
10
20
30
40
0.9
1.0
1.1
1.2
FREQUENCY (Hz)
100K
10K
1K
100
10
1M
10M
0pF
30pF
100pF
300pF
1,000pF
40
0
40
80
120
AUT
CCOMP
CL =
100pF
VSUPPLY = ±40V
VSUPPLY = ±20V
VSUPPLY = ±10V
FREQUENCY (Hz)
1K
100K
1M
10K
0.1
1.0
10.0
100
OUTPUT LOAD CURRENT (mA)
-10
-20
-40
-30
AV = 1, VSUPPLY = ±40V
VIN = -35V
AV = 1, VSUPPLY = ±20V
VIN = -15V
125oC
25oC
-55oC
20
15
10
5
125oC
-55oC
25oC
10
20
40
30
AV = 1, VSUPPLY = ±40V
VIN = +35V
AV = 1, VSUPPLY = ±20V
VIN = +15V
125oC
25oC
-10
-5
-55oC
-15
-20
-55oC
125oC
25oC
SUPPLY VOLTAGE (
±V)
10
15
20
25
30
35
40
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
+ICC
-ICC
SUPPLY VOLTAGE (
±V)
10
15
20
25
30
35
40
-40
-VOUT
+VOUT
-30
-20
-10
0
10
20
30
40
HA-2640, HA-2645




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
UPC4742SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
UPC4744SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
UPC844BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
ISL55002High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
UPC842BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
PA97HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS 1 2 3 4 Cirrus Logic
LF155AJFET-Input Operational Amplifiers Low Supply Current High Speed 1 2 3 4 Linear Technology
PA241HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreCirrus Logic
PA88HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS 1 2 3 4 Cirrus Logic

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl