Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8610 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8610
Descripción Electrónicos  Precision, Very Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8610_15 Datasheet HTML 3Page - Analog Devices AD8610_15 Datasheet HTML 4Page - Analog Devices AD8610_15 Datasheet HTML 5Page - Analog Devices AD8610_15 Datasheet HTML 6Page - Analog Devices AD8610_15 Datasheet HTML 7Page - Analog Devices AD8610_15 Datasheet HTML 8Page - Analog Devices AD8610_15 Datasheet HTML 9Page - Analog Devices AD8610_15 Datasheet HTML 10Page - Analog Devices AD8610_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8610/AD8620
Rev. F | Page 7 of 24
3.0
0
2.0
1.5
1.0
0.5
2.5
03
2
1
4
5
6
7
8
9
10
11
12
13
SUPPLY VOLTAGE (±V)
Figure 9. Supply Current vs. Supply Voltage
3.05
2.55
2.85
2.75
2.65
2.95
–40
125
85
25
TEMPERATURE (°C)
VS = ±13V
Figure 10. Supply Current vs. Temperature
2.65
2.30
2.35
2.40
2.45
2.50
2.55
2.60
–40
125
85
25
TEMPERATURE (°C)
VS = ±5V
Figure 11. Supply Current vs. Temperature
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
10k
100k
1k
1M
10M
100M
RESISTANCE LOAD (Ω)
VS = ±13V
Figure 12. Output Voltage to Supply Rail vs. Resistance Load
4.25
3.95
4.00
4.05
4.10
4.15
4.20
25
85
–40
125
TEMPERATURE (°C)
VS = ±5V
RL = 1kΩ
Figure 13. Output Voltage High vs. Temperature
–4.30
–4.25
–3.95
–4.00
–4.05
–4.10
–4.15
–4.20
25
85
–40
125
TEMPERATURE (°C)
VS = ±5V
RL = 1kΩ
Figure 14. Output Voltage Low vs. Temperature


Número de pieza similar - AD8610_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8610AR AD-AD8610AR Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8610AR AD-AD8610AR Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8610AR AD-AD8610AR Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610AR-REEL AD-AD8610AR-REEL Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8610AR-REEL AD-AD8610AR-REEL Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

Descripción similar - AD8610_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8620 AD-AD8620_15 Datasheet
371Kb / 24P
   Precision, Very Low Noise
Rev. F
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift Precision
logo
Analog Devices
AD8674 AD-AD8674_15 Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input
Rev. F
AD8671 AD-AD8671_15 Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input
Rev. F
AD8672 AD-AD8672_15 Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020_1 Datasheet
610Kb / 18P
   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Analog Devices
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
logo
Texas Instruments
REF5020-Q1 TI-REF5020-Q1 Datasheet
560Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com