Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HA-5190 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza HA-5190
Descripción Electrónicos  150MHz, Fast Settling Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5190 Datasheet(HTML) 6 Page - Intersil Corporation

  HA-5190 Datasheet HTML 1Page - Intersil Corporation HA-5190 Datasheet HTML 2Page - Intersil Corporation HA-5190 Datasheet HTML 3Page - Intersil Corporation HA-5190 Datasheet HTML 4Page - Intersil Corporation HA-5190 Datasheet HTML 5Page - Intersil Corporation HA-5190 Datasheet HTML 6Page - Intersil Corporation HA-5190 Datasheet HTML 7Page - Intersil Corporation HA-5190 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Typical Performance Curves VS = ±15V, TA = 25oC, Unless Otherwise Specified
FIGURE 7. INPUT OFFSET VOLTAGE AND BIAS CURRENT vs
TEMPERATURE
FIGURE 8. OPEN LOOP FREQUENCY RESPONSE
FIGURE 9. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 10. NORMALIZED AC PARAMETERS vs
TEMPERATURE
FIGURE 11. NORMALIZED AC PARAMETERS vs LOAD
CAPACITANCE
FIGURE 12. INPUT NOISE VOLTAGE AND NOISE CURRENT vs
FREQUENCY
TEMPERATURE (oC)
0
40
80
160
1.2
1.6
120
-40
-80
2.0
0.4
0.8
OFFSET VOLTAGE
0
0
2
4
5
BIAS CURRENT
1
3
FREQUENCY (Hz)
100K
80
1M
40
10M
0
90
180
GAIN
PHASE
10K
1K
45
135
100M
100
-20
0
20
60
225
FREQUENCY (Hz)
100K
14
1M
6
10
100M
10K
1K
8
12
16
18
10M
4
TEMPERATURE (oC)
0
40
80
160
120
-40
-80
SLEW RATE
1.0
BANDWIDTH
1.1
0.9
0.8
1.2
0.7
LOAD CAPACITANCE (pF)
250
200
100
10
SLEW RATE
1.0
BANDWIDTH
1.1
0.9
0.8
1.2
FREQUENCY (Hz)
100K
10
10K
1K
100
1
1000
10
100
INPUT NOISE VOLTAGE
100
1000
10
1
INPUT NOISE CURRENT
1
HA-5190, HA-5195


Número de pieza similar - HA-5190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
More results

Descripción similar - HA-5190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
   FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM6118 TI1-LM6118 Datasheet
888Kb / 15P
[Old version datasheet]   Fast Settling Dual Operational Amplifiers
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
LM6118 NSC-LM6118 Datasheet
836Kb / 13P
   Fast Settling Dual Operational Amplifiers
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com