Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8648 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8648
Descripción Electrónicos  24 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8648 Datasheet(HTML) 5 Page - Analog Devices

  AD8648_15 Datasheet HTML 1Page - Analog Devices AD8648_15 Datasheet HTML 2Page - Analog Devices AD8648_15 Datasheet HTML 3Page - Analog Devices AD8648_15 Datasheet HTML 4Page - Analog Devices AD8648_15 Datasheet HTML 5Page - Analog Devices AD8648_15 Datasheet HTML 6Page - Analog Devices AD8648_15 Datasheet HTML 7Page - Analog Devices AD8648_15 Datasheet HTML 8Page - Analog Devices AD8648_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8646/AD8647/AD8648
VSY = 2.7 V, VCM = VSY/2, TA = +25oC, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0 V to 2.7 V
0.6
2.5
mV
−40°C < TA < +125°C
3.2
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
1.8
7.0
μV/°C
Input Bias Current
IB
0.2
1
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
550
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
250
pA
Input Voltage Range
VCM
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
62
79
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 2.2 V
95
102
dB
Input Capacitance
Differential
CDIFF
2.5
pF
Common Mode
CCM
7.8
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IOUT = 1 mA
2.65
2.68
V
−40°C < TA < +125°C
2.60
V
Output Voltage Low
VOL
IOUT = 1 mA
11
25
mV
−40°C < TA < +125°C
30
mV
Output Current
Isc
Short circuit
±63
mA
Closed-Loop Output Impedance
ZOUT
At 1 MHz, AV = 1
5
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.7 V to 5.5 V
63
80
dB
Supply Current per Amplifier
ISY
1.6
2.0
mA
−40°C < TA < +125°C
2.5
mA
Supply Current Shutdown Mode
(AD8647 Only)
ISD
Both amplifiers shut down,
VIN_SDA and VIN_SDB = 0 V
10
nA
−40°C < TA < +125°C
1
µA
SHUTDOWN INPUTS (AD8647)
Logic High Voltage (Enabled)
VINH
−40°C < TA < +125°C
+2.0
V
Logic Low Voltage (Power-Down)
VINL
−40°C < TA < +125°C
+0.8
V
Logic Input Current (Per Pin)
IIN
−40°C < TA < +125°C
1
µA
Output Pin Leakage Current
−40°C < TA < +125°C (shutdown active)
1
nA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
11
V/μs
Gain Bandwidth Product
GBP
24
MHz
Phase Margin
Øm
53
Degrees
Settling Time
ts
To 0.1%
0.3
μs
Amplifier Turn-On Time (AD8647)
ton
25°C, AV = 1, RL = 1 kΩ (see Figure 41)
1.2
μs
Amplifier Turn-Off Time (AD8647)
toff
25°C, AV = 1, RL = 1 kΩ (see Figure 42)
1
μs
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
2.3
μV
Voltage Noise Density
en
f = 1 kHz
8
nV/√Hz
f = 10 kHz
6
nV/√Hz
Channel Separation
CS
f = 10 kHz
−115
dB
f = 100 kHz
−110
dB
Rev. E | Page 5 of 20


Número de pieza similar - AD8648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8648ARUZ AD-AD8648ARUZ Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8648ARUZ AD-AD8648ARUZ Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARUZ AD-AD8648ARUZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8648ARUZ AD-AD8648ARUZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648ARUZ-REEL AD-AD8648ARUZ-REEL Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
More results

Descripción similar - AD8648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com