Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8648 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8648
Descripción Electrónicos  24 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8648 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8648_15 Datasheet HTML 3Page - Analog Devices AD8648_15 Datasheet HTML 4Page - Analog Devices AD8648_15 Datasheet HTML 5Page - Analog Devices AD8648_15 Datasheet HTML 6Page - Analog Devices AD8648_15 Datasheet HTML 7Page - Analog Devices AD8648_15 Datasheet HTML 8Page - Analog Devices AD8648_15 Datasheet HTML 9Page - Analog Devices AD8648_15 Datasheet HTML 10Page - Analog Devices AD8648_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8646/AD8647/AD8648
TYPICAL PERFORMANCE CHARACTERISTICS
300
250
200
150
100
50
0
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VOS (mV)
VSY = 2.7V
VCM = 1.35V
TA = 25°C
2244 AMPLIFIERS
Figure 4. Input Offset Voltage Distribution
35
30
25
20
15
10
5
0
0
7
6
5
4
3
2
1
TCVOS (µV/°C)
VSY = 2.7V
–40°C < TA < +125°C
Figure 5. VOS Drift (TCVOS) Distribution
2500
–2500
0
3.0
INPUT COMMON-MODE VOLTAGE (V)
2000
1500
1000
500
0
–500
–1000
–1500
–2000
0.5
1.0
1.5
2.0
2.5
VSY = 2.7V
TA = 25°C
Figure 6. Input Offset Voltage vs. Input Common-Mode Voltage
200
180
160
140
120
100
80
60
40
20
0
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VOS (mV)
VSY = 5V
VCM = 2.5V
TA = 25°C
2244 AMPLIFIERS
Figure 7. Input Offset Voltage Distribution
35
30
25
20
15
10
5
0
0
8
7
6
5
4
3
2
1
TCVOS (µV/°C)
VSY = 5V
–40°C < TA < +125°C
Figure 8. VOS Drift (TCVOS) Distribution
–2500
–2000
–1500
–1000
–500
0
500
1000
1500
2000
2500
0
1
2
3
4
5
INPUT COMMON-MODE VOLTAGE (V)
VSY = 5V
TA = 25°C
Figure 9. Input Offset Voltage vs. Input Common-Mode Voltage
Rev. E | Page 7 of 20


Número de pieza similar - AD8648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8648ARUZ AD-AD8648ARUZ Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8648ARUZ AD-AD8648ARUZ Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARUZ AD-AD8648ARUZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8648ARUZ AD-AD8648ARUZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648ARUZ-REEL AD-AD8648ARUZ-REEL Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
More results

Descripción similar - AD8648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com