Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856BS Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BC856BS
Descripción Electrónicos  PNP Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC856BS Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  BC856BS_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC856BS_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC856BS_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BC856BS_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd BC856BS_15 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
Transistors
PNP Transistors
BC856BS (KC856BS)
Typical Characterisitics
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
VCE = −5 V; Tamb = 25 °C
Fig 7.
Per transistor: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 8.
Per transistor: Transition frequency as a
function of collector current; typical values
f = 1 MHz; Tamb = 25 °
T
;
z
H
M
1
=
f
C
amb = 25 °C
Fig 9.
Per transistor: Collector capacitance as a
function of collector-base voltage; typical
values
Fig 10. Per transistor: Emitter capacitance as a
function of emitter-base voltage; typical values
1
10−1
10
VCEsat
(V)
10−2
IC (mA)
10−1
103
102
1
10
(1)
(2)
(3)
IC (mA)
1
102
10
102
103
fT
(MHz)
10
VCB (V)
0
10
8
4
6
2
4
6
2
8
10
Cc
(pF)
0
VEB (V)
0
6
4
2
9
11
7
13
15
Ce
(pF)
5


Número de pieza similar - BC856BS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
More results

Descripción similar - BC856BS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com