Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9228 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9228
Descripción Electrónicos  Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9228 Datasheet(HTML) 4 Page - Analog Devices

  AD9228_15 Datasheet HTML 1Page - Analog Devices AD9228_15 Datasheet HTML 2Page - Analog Devices AD9228_15 Datasheet HTML 3Page - Analog Devices AD9228_15 Datasheet HTML 4Page - Analog Devices AD9228_15 Datasheet HTML 5Page - Analog Devices AD9228_15 Datasheet HTML 6Page - Analog Devices AD9228_15 Datasheet HTML 7Page - Analog Devices AD9228_15 Datasheet HTML 8Page - Analog Devices AD9228_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9228
Data Sheet
Rev. E | Page 4 of 56
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 1.
AD9228-40
AD9228-65
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±1
±8
±1
±8
mV
Offset Matching
Full
±2
±8
±2
±8
mV
Gain Error
Full
±0.4
±1.2
±2
±3.5
% FS
Gain Matching
Full
±0.3
±0.7
±0.3
±0.7
% FS
Differential Nonlinearity (DNL)
Full
±0.25
±0.5
±0.3
±0.65
LSB
Integral Nonlinearity (INL)
Full
±0.4
±1
±0.4
±1
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±17
±17
ppm/°C
Reference Voltage (1 V Mode)
Full
±21
±21
ppm/°C
REFERENCE
Output Voltage Error (VREF = 1 V)
Full
±2
±30
±2
±30
mV
Load Regulation at 1.0 mA (VREF = 1 V)
Full
3
3
mV
Input Resistance
Full
6
6
ANALOG INPUTS
Differential Input Voltage (VREF = 1 V)
Full
2
2
V p-p
Common-Mode Voltage
Full
AVDD/2
AVDD/2
V
Differential Input Capacitance
Full
7
7
pF
Analog Bandwidth, Full Power
Full
315
315
MHz
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD
Full
155
170
232
245
mA
IDRVDD
Full
31
34
34
38
mA
Total Power Dissipation (Including Output Drivers)
Full
335
367
478
510
mW
Power-Down Dissipation
Full
2
5.8
2
5.8
mW
Standby Dissipation2
Full
72
72
mW
CROSSTALK
Full
−100
−100
dB
CROSSTALK (Overrange Condition)3
Full
−100
−100
dB
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Can be controlled via the SPI.
3 Overrange condition is specific with 6 dB of the full-scale input range.


Número de pieza similar - AD9228_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9228 AD-AD9228_17 Datasheet
1Mb / 57P
   Serial LVDS 1.8 V A/D Converter
More results

Descripción similar - AD9228_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com