Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9245 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9245
Descripción Electrónicos  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9245 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9245_15 Datasheet HTML 5Page - Analog Devices AD9245_15 Datasheet HTML 6Page - Analog Devices AD9245_15 Datasheet HTML 7Page - Analog Devices AD9245_15 Datasheet HTML 8Page - Analog Devices AD9245_15 Datasheet HTML 9Page - Analog Devices AD9245_15 Datasheet HTML 10Page - Analog Devices AD9245_15 Datasheet HTML 11Page - Analog Devices AD9245_15 Datasheet HTML 12Page - Analog Devices AD9245_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD9245
Rev. E | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
With Respect to
Min
Max
Unit
ELECTRICAL
AVDD
AGND
–0.3
+3.9
V
DRVDD
DGND
–0.3
+3.9
V
AGND
DGND
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
D0 to D13
DGND
–0.3
DRVDD + 0.3
V
CLK, MODE
AGND
–0.3
AVDD + 0.3
V
VIN+, VIN–
AGND
–0.3
AVDD + 0.3
V
VREF
AGND
–0.3
AVDD + 0.3
V
SENSE
AGND
–0.3
AVDD + 0.3
V
REFT, REFB
AGND
–0.3
AVDD + 0.3
V
PDWN
AGND
–0.3
AVDD + 0.3
V
ENVIRONMENTAL
Storage Temperature Range
–65
+125
°C
Operating Temperature Range
–40
+85
°C
Lead Temperature
(Soldering 10 sec)
300
°C
Junction Temperature
150
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions on a 4-layer board
in still air, in accordance with EIA/JESD51-1.
Table 8. Thermal Resistance
Package Type
θJA
θJC
Unit
32-Lead LFCSP
32.5
32.71
°C/W
Airflow increases heat dissipation, effectively reducing θJA.
In addition, more metal directly in contact with the package
leads from metal traces, through holes, ground, and power
planes reduces the θJA. It is recommended that the exposed
paddle be soldered to the ground plane for the LFCSP package.
There is an increased reliability of the solder joints, and
maximum thermal capability of the package is achieved with
the exposed paddle soldered to the customer board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - AD9245_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9245BCP-20EB AD-AD9245BCP-20EB Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
AD9245BCP-20EB AD-AD9245BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-40EB AD-AD9245BCP-40EB Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
AD9245BCP-40EB AD-AD9245BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-65EB AD-AD9245BCP-65EB Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results

Descripción similar - AD9245_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com