Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9288 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9288
Descripción Electrónicos  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9288_15 Datasheet HTML 5Page - Analog Devices AD9288_15 Datasheet HTML 6Page - Analog Devices AD9288_15 Datasheet HTML 7Page - Analog Devices AD9288_15 Datasheet HTML 8Page - Analog Devices AD9288_15 Datasheet HTML 9Page - Analog Devices AD9288_15 Datasheet HTML 10Page - Analog Devices AD9288_15 Datasheet HTML 11Page - Analog Devices AD9288_15 Datasheet HTML 12Page - Analog Devices AD9288_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD9288
Rev. C | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
SAMPLE
ENCODE = 100MSPS
AIN = 10.3MHz
SNR = 48.52dB
SINAD = 48.08dB
SECOND HARMONIC = –62.54dBc
THIRD HARMONIC = –63.56dBc
Figure 6. Spectrum: fS = 100 MSPS, fIN = 10 MHz, Single-Ended Input
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
SAMPLE
ENCODE = 100MSPS
AIN = 41MHz
SNR = 47.87dB
SINAD = 46.27dB
SECOND HARMONIC = –54.10dBc
THIRD HARMONIC = –55.46dBc
Figure 7. Spectrum: fS = 100 MSPS, fIN = 41 MHz, Single-Ended Input
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
SAMPLE
ENCODE = 100MSPS
AIN = 76MHz
SNR = 47.1dB
SINAD = 43.2dB
SECOND
HARMONIC = –52.2dBc
THIRD HARMONIC = –51.5dBc
Figure 8. Spectrum: fS = 100 MSPS, fIN = 76 MHz, Single-Ended Input
72
68
40
0
1020
30405060708090
44
48
52
56
60
64
MHz
2ND
3RD
ENCODE RATE = 100MSPS
Figure 9. Harmonic Distortion vs. AIN Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
SAMPLE
ENCODE = 100MSPS
AIN1 = 9.3MHz
AIN2 = 10.3MHz
IMD = –60.0dBc
Figure 10. Two-Tone Intermodulation Distortion
50
48
46
44
42
40
38
36
0
1020
30405060708090
MHz
ENCODE RATE = 100MSPS
SNR
SINAD
Figure 11. SINAD/SNR vs. AIN Frequency


Número de pieza similar - AD9288_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Descripción similar - AD9288_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com