Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9387NK Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD9387NK
Descripción Electrónicos  High Performance, Low Power HDMI/DVI Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9387NK Datasheet(HTML) 1 Page - Analog Devices

  AD9387NK_15 Datasheet HTML 1Page - Analog Devices AD9387NK_15 Datasheet HTML 2Page - Analog Devices AD9387NK_15 Datasheet HTML 3Page - Analog Devices AD9387NK_15 Datasheet HTML 4Page - Analog Devices AD9387NK_15 Datasheet HTML 5Page - Analog Devices AD9387NK_15 Datasheet HTML 6Page - Analog Devices AD9387NK_15 Datasheet HTML 7Page - Analog Devices AD9387NK_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Performance, Low
Power HDMI/DVI Transmitter
AD9387NK
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
General
Low power HDMI/DVI transmitter ideal for portable
applications
Compatible with HDMI v.1.3, DVI v.1.0, and HDCP 1.3
Single 1.8 V power supply
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
80 MHz operation supports all HDTV resolutions from
480i to 1080i
Programmable 2-way color space converter
Supports RGB, YCbCr, and DDR
Supports ITU656-based embedded syncs
Automatic input video format timing detection (CEA-861D)
Digital audio
Supports standard S/PDIF for stereo LPCM or compressed
audio up to 192 kHz
8-channel, uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU with I2C master to perform HDCP operations
and EDID reading operations
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting S/PDIF
and I2S
On-chip MPU reports HDMI events through interrupts and
registers
APPLICATIONS
Digital video cameras
Digital still cameras
Personal media players
Cellular handsets
DVD players and recorders
Digital set-top boxes
A/V receivers
HDMI repeater/splitter
GENERAL DESCRIPTION
The AD9387NK is an 80 MHz, high definition multimedia
interface (HDMI™) v.1.3 transmitter. It supports HDTV formats
up to 720p and 1080i and computer graphic resolutions up to
XGA (1024 × 768 @ 75 Hz). With the inclusion of HDCP, the
AD9387NK allows the secure transmission of protected content,
as specified by the HDCP 1.3 protocol.
FUNCTIONAL BLOCK DIAGRAM
VIDEO
DATA
CAPTURE
D[23:0]
VSYNC
HSYNC
DE
CLK
I2C
SLAVE
REGISTER
CONFIGURATION
LOGIC
SDA
SCL
HDCP
CORE
MDA
MCL
HDCP AND EDID
MICRO-
CONTROLLER
I2C
MASTER
INT
HPD
DDCSCL
DDCSDA
SYNC
ADJUSTMENT
AND
GENERATION
Tx0[1:0]
Tx1[1:0]
Tx2[1:0]
TxC[1:0]
COLOR
SPACE
CONVERSION
AUDIO
DATA
CAPTURE
S/PDIF
AD9387NK
HDMI Tx
CORE
MCLK
I2S[3:0]
LRCLK
SCLK
Figure 1.
The AD9387NK supports both S/PDIF and 8-channel I2S audio.
Its high fidelity, 8-channel I2S can transmit either stereo or 7.1
surround audio at 192 kHz. The S/PDIF can carry stereo linear
pulse-code modulation (LPCM) audio or compressed audio,
including Dolby® Digital and DTS®.
The AD9387NK helps reduce system design complexity and cost
by incorporating such features as an internal microprocessor
for high-bandwidth digital content protection (HDCP) opera-
tions, an I2C® master for extended display identification data
(EDID) reading, a single 1.8 V power supply, and 5 V tolerance
on the I2C and hot plug detect pins. For additional information
and resources, see the Applications Information section.
Fabricated in an advanced CMOS process, the AD9387NK
is available in a space saving, 76-ball CSP_BGA. The package is
RoHS compliant and is specified from −25°C to +90°C
operation.


Número de pieza similar - AD9387NK_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9387NK/PCB AD-AD9387NK/PCB Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9387NKBBCZ-80 AD-AD9387NKBBCZ-80 Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9387NKBBCZRL-80 AD-AD9387NKBBCZRL-80 Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9387NKBCPZ-80 AD-AD9387NKBCPZ-80 Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
More results

Descripción similar - AD9387NK_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com