Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9480 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD9480
Descripción Electrónicos  8-Bit, 250 MSPS 3.3 V A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9480_15 Datasheet HTML 4Page - Analog Devices AD9480_15 Datasheet HTML 5Page - Analog Devices AD9480_15 Datasheet HTML 6Page - Analog Devices AD9480_15 Datasheet HTML 7Page - Analog Devices AD9480_15 Datasheet HTML 8Page - Analog Devices AD9480_15 Datasheet HTML 9Page - Analog Devices AD9480_15 Datasheet HTML 10Page - Analog Devices AD9480_15 Datasheet HTML 11Page - Analog Devices AD9480_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9480
Rev. A | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
CLK–
AVDD
AGND
D0_C (LSB)
DRGND
DRVDD
CLK+
D0_T (LSB)
D1_C
D1_T
D2_C
33
32
31
30
29
28
27
26
25
24
23
AGND
AVDD
AGND
DRGND
S1
PDWN
SENSE
D7_T (MSB)
D7_C (MSB)
D6_T
D6_C
13 14
15
16 17 18
19
20
21
22
PIN 1
NC = NO CONNECT
44 43 42
41
40 39 38
37
36
35
34
AD9480
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin
No.
Mnemonic
Description
Pin
No.
Mnemonic
Description
1
CLK+
Input Clock—True
23
D6_C
Data Output Bit 6—Complement
2
CLK−
Input Clock—Complement
24
D6_T
Data Output Bit 6—True
3
AVDD
3.3 V Analog Supply
25
D7_C
Data Output Bit 7—Complement (MSB)
4
AGND
Analog Ground
26
D7_T
Data Output Bit 7—True (MSB)
5
DRVDD
3.3 V Digital Output Supply
27
DRGND
Digital Ground
6
DRGND
Digital Ground
28
S1
Data Format Select and Duty-Cycle Stabilizer Selection
(See Table 8)
7
D0_C
Data Output Bit 0—Complement (LSB)
29
PDWN
Power-Down Selection (AVDD = Power Down)
8
D0_T
Data Output Bit 0—True (LSB)
30
AGND
Analog Ground
9
D1_C
Data Output Bit 1—Complement
31
AVDD
3.3 V Analog Supply
10
D1_T
Data Output Bit 1—True
32
AGND
Analog Ground
11
D2_C
Data Output Bit 2—Complement
33
SENSE
Reference Mode Selection (See Table 9)
12
D2_T
Data Output Bit 2—True
34
VREF
Voltage Reference Input/Output
13
D3_C
Data Output Bit 3—Complement
35
AGND
Analog Ground
14
D3_T
Data Output Bit 3—True
36
AVDD
3.3 V Analog Supply
15
DRGND
Digital Ground
37
AGND
Analog Ground
16
DCO−
Data Clock Output—Complement
38
VIN−
Analog Input—Complement
17
DCO+
Data Clock Output—True
39
VIN+
Analog Input—True
18
DRVDD
3.3 V Digital Output Supply
40
AGND
Analog Ground
19
D4_C
Data Output Bit 4—Complement
41
AVDD
3.3 V Analog Supply
20
D4_T
Data Output Bit 4—True
42
LVDSBIAS
LVDS Output Current Adjust
21
D5_C
Data Output Bit 5—Complement
43
NC1
No Connect (Leave Floating)
22
D5_T
Data Output Bit 5—True
44
AGND
Analog Ground
1 Pin 43 will self-bias to 1.5 V. It can be left floating (as recommended) or tied to AVDD or ground with no ill effects.


Número de pieza similar - AD9480_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
More results

Descripción similar - AD9480_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com