Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9480 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD9480
Descripción Electrónicos  8-Bit, 250 MSPS 3.3 V A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9480_15 Datasheet HTML 7Page - Analog Devices AD9480_15 Datasheet HTML 8Page - Analog Devices AD9480_15 Datasheet HTML 9Page - Analog Devices AD9480_15 Datasheet HTML 10Page - Analog Devices AD9480_15 Datasheet HTML 11Page - Analog Devices AD9480_15 Datasheet HTML 12Page - Analog Devices AD9480_15 Datasheet HTML 13Page - Analog Devices AD9480_15 Datasheet HTML 14Page - Analog Devices AD9480_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD9480
Rev. A | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, DRVDD = 3.3 V, T = 25°C, AIN differential drive, FS = 1, unless otherwise noted.
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 46.2dB
H2 = 72.8dBc
H3 = 73.2dBc
SFDR = 69.8dBc
Figure 4. FFT: fS = 250 MSPS, AIN = 10.3 MHz @ −1 dBFS
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 46.1dB
H2 = 71.4dBc
H3 = 74.3dBc
SFDR = 68.7dBc
Figure 5. FFT: fS = 250 MSPS, AIN = 70 MHz @ –1 dBFS
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 45.9dB
H2 = 67dBc
H3 = 73.3dBc
SFDR = 67dBc
Figure 6. FFT: fS = 250 MSPS, AIN = 70 MHz @ –1 dBFS, Single-Ended Input
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 45.9dB
H2 = 71.9dBc
H3 = 67dBc
SFDR = 67dBc
Figure 7. FFT: fS = 250 MSPS, AIN = 170 MHz @ −1 dBFS
AIN (MHz)
90
85
80
75
70
65
60
55
50
45
40
0
50
200
250
100
150
300
350
400
H3
H2
SFDR
SNR
SINAD
Figure 8. Analog Input Frequency Sweep, AIN = −1 dBFS, FS = 1 V, fS = 250 MSPS
H3
H2
SFDR
SINAD
AIN (MHz)
80
75
70
65
60
55
50
45
40
0
50
200
250
100
150
300
350
400
SNR
Figure 9. Analog Input Frequency Sweep, AIN = −1 dBFS,
FS = 0.75 V, fS = 250 MSPS


Número de pieza similar - AD9480_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
More results

Descripción similar - AD9480_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com