Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3143-K5 Datasheet(Hoja de datos) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de Pieza. 2SC3143-K5
Descripción  NPN Transistors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo 

   
 1 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC3143
Features
High breakdown voltage
Small output capacitance.
Complementary to 2SA1257
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
180
Collector - Emitter Voltage
VCEO
160
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
80
Collector Current - Pulse
Icp
150
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
125
Storage Temperature Range
Tstg
-55 to 125
V
mA
Electrical Characteristics Ta = 25℃
Classification of hfe
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
180
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, RBE= ∞
160
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-Base cut-off current
ICBO
VCB= 120 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=30mA, IB=3mA
0.7
Base - emitter saturation voltage
VBE(sat) IC= 30mA, IB= 3mA
1.2
Base - emitter voltage
VBE)
VCE= 5V, IC= 10mA
1.5
DC current gain
hFE
VCE= 5V, IC= 10mA
60
270
Turn-ON Time
ton
0.18
Storage Time
tstg
1
Fall Time
tf
0.2
Collector output capacitance
Cob
VCB= 10V, f=10MHz
2
2.8
pF
Transition frequency
fT
VCE= 10V, IC= 10mA
150
MHz
V
uA
See specified Test Circuit
us
V
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02
Type
2SC3143-K3
2SC3143-K4
2SC3143-K5
Range
60-120
90-180
135-270
Marking
K3
K4
K5




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl