Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9640 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9640
Descripción Electrónicos  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9640_15 Datasheet HTML 6Page - Analog Devices AD9640_15 Datasheet HTML 7Page - Analog Devices AD9640_15 Datasheet HTML 8Page - Analog Devices AD9640_15 Datasheet HTML 9Page - Analog Devices AD9640_15 Datasheet HTML 10Page - Analog Devices AD9640_15 Datasheet HTML 11Page - Analog Devices AD9640_15 Datasheet HTML 12Page - Analog Devices AD9640_15 Datasheet HTML 13Page - Analog Devices AD9640_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9640
Rev. B | Page 10 of 52
Parameter
Temperature
Min
Typ
Max
Unit
DIGITAL OUTPUTS
CMOS Mode—DRVDD = 3.3 V
High Level Output Voltage (IOH = 50 μA)
Full
3.29
V
High Level Output Voltage (IOH = 0.5 mA)
Full
3.25
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
CMOS Mode—DRVDD = 1.8 V
High Level Output Voltage (IOH = 50 μA)
Full
1.79
V
High Level Output Voltage (IOH = 0.5 mA)
Full
1.75
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
LVDS Mode—DRVDD = 1.8 V
Differential Output Voltage (VOD), ANSI Mode
Full
250
350
450
mV
Output Offset Voltage (VOS), ANSI Mode
Full
1.15
1.25
1.35
V
Differential Output Voltage (VOD), Reduced Swing Mode
Full
150
200
280
mV
Output Offset Voltage (VOS), Reduced Swing Mode
Full
1.15
1.25
1.35
V
1 Pull up.
2 Pull down.
SWITCHING SPECIFICATIONS—AD9640ABCPZ-80, AD9640BCPZ-80, AD9640ABCPZ-105, AND
AD9640BCPZ-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, unless otherwise noted.
Table 6.
Parameter
Temp
AD9640ABCPZ-80
AD9640BCPZ-80
AD9640ABCPZ-105/
AD9640BCPZ-105
Unit
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
MHz
Conversion Rate
DCS Enabled1
Full
20
80
20
105
MSPS
DCS Disabled1
Full
10
80
10
105
MSPS
CLK Period—Divide by 1 Mode (tCLK)
Full
12.5
9.5
ns
CLK Pulse Width High
Divide by 1 Mode, DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
ns
Divide by 1 Mode, DCS Disabled
Full
5.63
6.25
6.88
4.28
4.75
5.23
ns
Divide by 2 Mode, DCS Enabled
Full
1.6
1.6
ns
Divide by 3 Through 8, DCS Enabled
Full
0.8
0.8
ns
DATA OUTPUT PARAMETERS (DATA, FD)
CMOS Mode—DRVDD = 3.3 V
Data Propagation Delay (tPD)2
Full
2.2
4.5
6.4
2.2
4.5
6.4
ns
DCO Propagation Delay (tDCO)
Full
3.8
5.0
6.8
3.8
5.0
6.8
ns
Setup Time (tS)
Full
6.25
5.25
ns
Hold Time (tH)
Full
5.75
4.25
ns
CMOS Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)2
Full
2.4
5.2
6.9
2.4
5.2
6.9
ns
DCO Propagation Delay (tDCO)
Full
4.0
5.6
7.3
4.0
5.6
7.3
ns
LVDS Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)2
Full
3.0
3.7
4.4
3.0
3.7
4.4
ns
DCO Propagation Delay (tDCO)
Full
5.4
7.0
8.4
5.2
6.4
7.6
ns


Número de pieza similar - AD9640_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9640-150EBZ AD-AD9640-150EBZ Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640-150EBZ AD-AD9640-150EBZ Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Descripción similar - AD9640_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9640ABCPZ-105 AD-AD9640ABCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com