Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9732 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD9732
Descripción Electrónicos  10-Bit, 200 MSPS D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9732 Datasheet(HTML) 2 Page - Analog Devices

  AD9732_15 Datasheet HTML 1Page - Analog Devices AD9732_15 Datasheet HTML 2Page - Analog Devices AD9732_15 Datasheet HTML 3Page - Analog Devices AD9732_15 Datasheet HTML 4Page - Analog Devices AD9732_15 Datasheet HTML 5Page - Analog Devices AD9732_15 Datasheet HTML 6Page - Analog Devices AD9732_15 Datasheet HTML 7Page - Analog Devices AD9732_15 Datasheet HTML 8Page - Analog Devices AD9732_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. A
AD9732–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (+V
S = +5 V, ENCODE = 125 MSPS, RSET = 1.95 k
(for 20 mA IOUT) unless otherwise noted)
Test
AD9732BRS
Parameter
Temp
Level
Min
Typ
Max
Units
THROUGHPUT RATE
+25
°C
IV
165
200
MHz
RESOLUTION
10
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.25
1
LSB
Full
VI
0.36
1
LSB
Integral Nonlinearity
+25
°C
I
0.6
1.5
LSB
Full
VI
0.7
1.5
LSB
INITIAL OFFSET ERROR
Zero-Scale Offset Error
+25
°C
I
35
70
µA
Full
VI
40
100
µA
Full-Scale Gain Error
1
+25
°C
I
2.5
5
% FS
Full
VI
2.5
5
% FS
Offset Drift Coefficient
V
0.04
µA/°C
REFERENCE/CONTROL AMP
Internal Reference Voltage2
+25
°C
I
3.65
3.75
3.85
V
Internal Reference Voltage Drift
Full
IV
150
µV/°C
Internal Reference Output Current3
Full
VI
–50
+500
µA
Amplifier Input Impedance
+25
°CI
50
k
Amplifier Bandwidth
+25
°C
I
2.5
MHz
REFERENCE INPUT4
Reference Input Impedance
+25
°C
V
4.6
k
Reference Multiplying Bandwidth5
+25
°C
V
75
MHz
OUTPUT PERFORMANCE
Output Current4, 6
Full
V
20
mA
Output Compliance
Full
IV
2
5.75
V
Output Resistance
+25
°C
V
240
Output Capacitance
+25
°CV
5
pF
Voltage Settling Time to 1/2 LSB (tST)
7
+25
°C
V
4.75
ns
Propagation Delay (tPD)
8
+25
°C
V
2.7
ns
Glitch Impulse9
Full
V
5.9
pVs
Output Slew Rate10
Full
V
450
V/
µs
Output Rise Time10
Full
V
1
ns
Output Fall Time10
Full
V
1
ns
DIGITAL INPUTS
Logic “1” Voltage
Full
VI
2.4
V
Logic “0” Voltage
Full
VI
1.6
V
Logic “1” Current
+25
°C
I
1.7
10
µA
Logic “0” Current
+25
°C
I
–1
0.01
1
µA
Input Capacitance
Full
V
2
pF
Minimum Data Setup Time (tS)
11
+25
°C
IV
0.7
1.5
ns
Full
IV
1
1.5
ns
Minimum Data Hold Time (tH)
12
+25
°C
IV
0.7
1.5
ns
Full
IV
1
1.5
ns
Clock Pulsewidth Low (pwMIN)
+25
°CIV
2
ns
Clock Pulsewidth High (pwMAX)
+25
°CIV
2
ns
POWER SUPPLY13
Digital +V Supply Current
+25
°C
I
15
25
35
mA
Full
VI
10
40
mA
Analog +V Supply Current
+25
°C
I
10
20
30
mA
Full
VI
10
30
mA
Power Dissipation14
+25
°C
V
305
mW
Full
V
350
mW
Power Supply Rejection Ratio (PSRR)
+25
°C
V
200
µA/V


Número de pieza similar - AD9732_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9732/PCB AD-AD9732/PCB Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
AD9732BRS AD-AD9732BRS Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results

Descripción similar - AD9732_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. D
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9211 AD-AD9211 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com