Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9751 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9751
Descripción Electrónicos  10-Bit, 300 MSPS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9751 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9751_15 Datasheet HTML 5Page - Analog Devices AD9751_15 Datasheet HTML 6Page - Analog Devices AD9751_15 Datasheet HTML 7Page - Analog Devices AD9751_15 Datasheet HTML 8Page - Analog Devices AD9751_15 Datasheet HTML 9Page - Analog Devices AD9751_15 Datasheet HTML 10Page - Analog Devices AD9751_15 Datasheet HTML 11Page - Analog Devices AD9751_15 Datasheet HTML 12Page - Analog Devices AD9751_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. C
–9–
AD9751
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
60MHz/61MHz
@ 300MSPS
26MHz/27MHz
@ 130MSPS
40MHz/41MHz
@ 200MSPS
TPC 11. Two-Tone IMD (Third Order
Products) vs. AOUT @ fOUT = fDAC/5
fOUT (MHz)
75
65
50
160
20
0
70
60
55
40
60
80
100 120
45
40
140
IOUTFS = 20mA
IOUTFS = 5mA
IOUTFS = 10mA
TPC 14. SFDR vs. IOUTFS, fDAC =
300 MSPS @ 0 dBFS
CODE
0.10
0.02
1024
127
0
0.14
0.06
255
383
511
767
–0.02
895
0.18
639
TPC 17. Typical DNL
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
60MHz/61MHz
@ 300MSPS
26MHz/27MHz
@ 130MSPS
40MHz/41MHz
@ 200MSPS
TPC 12. Two-Tone IMD (to Nyquist)
vs. AOUT @ fOUT = fDAC/5
TEMPERATURE ( C)
75
65
50
90
–30
–50
70
60
55
–10
10
30
50
45
40
70
80
10MHz
40MHz
120MHz
80MHz
TPC 15. SFDR vs. Temperature,
fDAC = 300 MSPS @ 0 dBFS
FREQUENCY (MHz)
–10
–30
–80
20
0
–20
–40
–70
40
60
100
120
–90
–100
140
0
–50
–60
80
fDAC = 300MSPS
fOUT1 = 24MHz
fOUT2 = 25MHz
fOUT3 = 26MHz
fOUT4 = 27MHz
fOUT5 = 28MHz
fOUT6 = 29MHz
fOUT7 = 30MHz
fOUT8 = 31MHz
SFDR = 58dBc
MAGNITUDE = 0dBFS
TPC 18. Eight-Tone SFDR @ fOUT
fDAC/11, fDAC = 300 MSPS
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
18.18MHz/19.18MHz
@ 200MSPS
11.82MHz/12.82MHz
@ 130MSPS
27.27MHz/28.27MHz
@ 300MSPS
TPC 10. Two-Tone IMD (to Nyquist)
vs. AOUT @ fOUT = fDAC/11
fDAC (MHz)
90
70
85
300
50
80
60
50
100
150
200
250
75
65
55
TPC 13. SINAD vs. fDAC @ fOUT =
10 MHz, 0 dBFS
CODE
0
–0.10
1024
127
0
0.05
–0.05
255 383
511
767
–0.15
895
0.10
639
TPC 16. Typical INL


Número de pieza similar - AD9751_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9751-EB AD-AD9751-EB Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
AD9751AST AD-AD9751AST Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
More results

Descripción similar - AD9751_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9753 AD-AD9753_15 Datasheet
820Kb / 28P
   12-Bit, 300 MSPS
REV. B
AD9755 AD-AD9755_15 Datasheet
449Kb / 28P
   14-Bit, 300 MSPS
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9751 AD-AD9751 Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9760 AD-AD9760_15 Datasheet
413Kb / 23P
   10-Bit, 125 MSPS
REV. B
AD9410 AD-AD9410_15 Datasheet
463Kb / 20P
   10-Bit, 210 MSPS ADC
REV. A
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
   10-Bit 210 MSPS ADC
AD9731 AD-AD9731_17 Datasheet
91Kb / 5P
   10-Bit, 170 MSPS, DAC
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com