Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9760 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD9760
Descripción Electrónicos  10-Bit, 125 MSPS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9760 Datasheet(HTML) 3 Page - Analog Devices

  AD9760_15 Datasheet HTML 1Page - Analog Devices AD9760_15 Datasheet HTML 2Page - Analog Devices AD9760_15 Datasheet HTML 3Page - Analog Devices AD9760_15 Datasheet HTML 4Page - Analog Devices AD9760_15 Datasheet HTML 5Page - Analog Devices AD9760_15 Datasheet HTML 6Page - Analog Devices AD9760_15 Datasheet HTML 7Page - Analog Devices AD9760_15 Datasheet HTML 8Page - Analog Devices AD9760_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DYNAMIC SPECIFICATIONS
Model
AD9760
AD9760-50
Parameter
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
125
50
60
MSPS
Output Settling Time (tST) (to 0.1%)
1
35
35
ns
Output Propagation Delay (tPD)1
1
ns
Glitch Impulse
5
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
2.5
ns
Output Fall Time (10% to 90%)1
2.5
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
50
pA/
√Hz
Output Noise (IOUTFS = 2 mA)
30
30
pA/
√Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 50 MSPS; fOUT = 1.00 MHz
TA = +25
°C
7073
6873
dBc
TMIN to TMAX
68
66
dBc
fCLOCK = 50 MSPS; fOUT = 2.51 MHz
73
73
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz
68
68
dBc
fCLOCK = 50 MSPS; fOUT = 20.2 MHz
55
55
dBc
fCLOCK = 100 MSPS; fOUT = 2.51 MHz
74
N/A
dBc
fCLOCK = 100 MSPS; fOUT = 5.04 MHz
68
N/A
dBc
fCLOCK = 100 MSPS; fOUT = 20.2 MHz
60
N/A
dBc
fCLOCK = 100 MSPS; fOUT = 40.4 MHz
52
N/A
dBc
Spurious-Free Dynamic Range within a Window
fCLOCK = 50 MSPS; fOUT = 1.00 MHz
TA = +25
°C
7478
7278
dBc
TMIN to TMAX
72
70
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz; 2 MHz Span
76
76
dBc
fCLOCK = 100 MSPS; fOUT = 5.04 MHz; 4 MHz Span
76
N/A
dBc
Total Harmonic Distortion
fCLOCK = 50 MSPS; fOUT = 1.00 MHz
TA = +25
°C
–76
–73
–76
–70
dBc
TMIN to TMAX
–71
–68
dBc
fCLOCK = 50 MHz; fOUT = 2.00 MHz
–71
–71
dBc
fCLOCK = 100 MHz; fOUT = 2.00 MHz
–71
N/A
dBc
NOTES
1Measured single ended into 50
Ω load.
Specifications subject to change without notice.
(TMIN to TMAX , AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, Differential Transformer Coupled Output,
50
Doubly Terminated, unless otherwise noted)
AD9760
–3–
REV. B


Número de pieza similar - AD9760_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9760-EB AD-AD9760-EB Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760AR AD-AD9760AR Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760AR50 AD-AD9760AR50 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARU AD-AD9760ARU Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results

Descripción similar - AD9760_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
   10-Bit, 125 MSPS High Performance
REV. 0
logo
Renesas Technology Corp
HI3197 RENESAS-HI3197 Datasheet
231Kb / 25P
   10-Bit, 125 MSPS D/A Converter
October 1998
logo
Intersil Corporation
HI3197 INTERSIL-HI3197 Datasheet
284Kb / 25P
   10-Bit, 125 MSPS D/A Converter
October 1998
logo
Analog Devices
AD9762 AD-AD9762_15 Datasheet
427Kb / 23P
   12-Bit, 125 MSPS
REV. B
AD9764 AD-AD9764_15 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS
REV. B
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Analog Devices
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com