Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9891 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9891
Descripción Electrónicos  CCD Signal Processors with Precision Timing Generator
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9891_15 Datasheet HTML 2Page - Analog Devices AD9891_15 Datasheet HTML 3Page - Analog Devices AD9891_15 Datasheet HTML 4Page - Analog Devices AD9891_15 Datasheet HTML 5Page - Analog Devices AD9891_15 Datasheet HTML 6Page - Analog Devices AD9891_15 Datasheet HTML 7Page - Analog Devices AD9891_15 Datasheet HTML 8Page - Analog Devices AD9891_15 Datasheet HTML 9Page - Analog Devices AD9891_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
REV. A
–6–
AD9891/AD9895
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9891 and AD9895 feature proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
With
Respect
Parameter
To
Min
Max
Unit
AVDD1, AVDD2
AVSS
–0.3
+3.9
V
TCVDD
TCVSS
–0.3
+3.9
V
HVDD
HVSS
–0.3
+5.5
V
RGVDD
RGVSS
–0.3
+5.5
V
DVDD
DVSS
–0.3
+3.9
V
DRVDD
DRVSS
–0.3
+3.9
V
RG Output
RGVSS
–0.3
RGVDD + 0.3
V
H1–H4 Output
HVSS
–0.3
HVDD + 0.3
V
Digital Outputs
DVSS
–0.3
DVDD + 0.3
V
Digital Inputs
DVSS
–0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
–0.3
DVDD + 0.3
V
VRT, VRB
AVSS
–0.3
AVDD + 0.3
V
BYP1–BYP3, CCDIN
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature, 10 sec
350
°C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9891KBC
–20
°C to +85°C
CSPBGA
BC-64
AD9895KBC
–20
°C to +85°C
CSPBGA
BC-64
PACKAGE THERMAL CHARACTERISTICS
Thermal Resistance
JA = 61
°C/W
JC = 29.7
°C/W
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK, CLI (Figure 7)
CLI Clock Period, AD9891
tCONV
50
ns
CLI High/Low Pulsewidth, AD9891
20
25
ns
CLI Clock Period, AD9895
tCONV
33.3
ns
CLI High/Low Pulsewidth, AD9895
13
16.7
ns
Delay from CLI Rising Edge to Internal Pixel Position 0
tCLIDLY
6ns
AFE CLAMP PULSES
1 (Figure 13)
CLPDM Pulsewidth
410Pixels
CLPOB Pulsewidth
2
220Pixels
AFE SAMPLE LOCATION
1 (Figure 10)
SHP Sample Edge to SHD Sample Edge, AD9891
tS1
20
25
ns
SHP Sample Edge to SHD Sample Edge, AD9895
tS1
13
16.7
ns
DATA OUTPUTS (Figure 12)
Output Delay from DCLK Rising Edge
1
tOD
8ns
Pipeline Delay from SHP/SHD Sampling
9
Cycles
SERIAL INTERFACE (Figures 52 and 53)
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
NOTES
1Parameter is programmable.
2Minimum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve good clamp performance.
(CL = 20 pF, AVDD = DVDD = DRVDD = 3.0 V, fCLI = 20 MHz [AD9891] or 30 MHz [AD9895], unless
otherwise noted.)
WARNING!
ESD SENSITIVE DEVICE


Número de pieza similar - AD9891_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9891 AD-AD9891 Datasheet
521Kb / 58P
   CCD Signal Processors with Precision Timing??Generator
More results

Descripción similar - AD9891_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9891 AD-AD9891 Datasheet
521Kb / 58P
   CCD Signal Processors with Precision Timing??Generator
AD9895 AD-AD9895_15 Datasheet
670Kb / 58P
   CCD Signal Processors with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com