Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9929 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD9929
Descripción Electrónicos  CCD Signal Processor with Precision Timing Generator
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 1 Page - Analog Devices

  AD9929_15 Datasheet HTML 1Page - Analog Devices AD9929_15 Datasheet HTML 2Page - Analog Devices AD9929_15 Datasheet HTML 3Page - Analog Devices AD9929_15 Datasheet HTML 4Page - Analog Devices AD9929_15 Datasheet HTML 5Page - Analog Devices AD9929_15 Datasheet HTML 6Page - Analog Devices AD9929_15 Datasheet HTML 7Page - Analog Devices AD9929_15 Datasheet HTML 8Page - Analog Devices AD9929_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
CCD Signal Processor with
Precision Timing™ Generator
AD9929
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
36 MSPS correlated double sampler (CDS)
12-bit 36 MHz A/D converter
On-chip vertical driver for CCD image sensor
On-chip horizontal driver for CCD image sensor
6 dB to 40 dB variable gain amplifier (VGA)
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 0.58 ns resolution
2-phase H-clock modes
4-phase vertical transfer clocks
Electronic and mechanical shutter modes
On-chip sync generator with external sync option
64-lead, plastic ball, 9 × 9 grid array Pb-free package
APPLICATION
Digital still cameras
Digital video camcorders
PRODUCT DESCRIPTION
The AD9929 is a highly integrated CCD signal processor for
digital still camera and digital video camera applications. It
includes a complete analog front end with A/D conversion,
combined with a full-function, programmable timing generator.
The AD9929 also includes horizontal and vertical clock drivers,
which allow direct connection to the CCD image sensor.
The AD9929 is specified at pixel rates of up to 36 MHz. The
analog front end includes black level clamping, a CDS, a VGA,
and a 12-bit A/D converter. The timing generator provides all
the necessary CCD clocks: RG-clock, H-clocks, V-clocks, sensor
gate pulses, a substrate clock, and a substrate bias pulse. Oper-
ation is programmed using a 3-wire serial interface.
The AD9929 is packaged in a 64-lead CSPBGA. It is specified
over an operating temperature range of −25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9929
CDS
VGA
CLAMP
12
DCLK1
FD/DCLK2
MSHUT
STROBE
CLI
DOUT
VREF
6dB TO 40dB
VERTICAL
DRIVERS
2
4
RG
H1, H2
V1, V2,
V3, V4
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
SUBCK
HD
VD
SYNC
INTERNAL
REGISTERS
SL SCKS
DI
VSUB
CCDIN
HORIZONTAL
DRIVERS
ADC
Figure 1.


Número de pieza similar - AD9929_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9929BBCZ AD-AD9929BBCZ Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results

Descripción similar - AD9929_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com