Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA2336-G Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

No. de pieza SA2336-G
Descripción Electrónicos  Colorless transparency lens type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SA2336-G Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SA2336-G Datasheet HTML 1Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 2Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 3Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 4Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AUK CORP.
SA2336-G
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
6. Characteristic Diagrams
Fig.4 Spectrum Distribution
IF=20mA
Fig. 3 IF – Ta
Fig. 1 IF - VF
Forward Voltage VF [V]
Forward Current IF [mA]
Fig. 5 Radiation Diagram
100
50
50
0
100
Relative Luminous Intensity Iv [%]
Ambient Temperature Ta [
℃]
Wavelength λ [nm]
Fig. 2 IV - IF


Número de pieza similar - SA2336-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SA2336-G AUK-SA2336-G Datasheet
239Kb / 5P
   High Brightness Chip LED
More results

Descripción similar - SA2336-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SI3317-H KODENSHI-SI3317-H Datasheet
223Kb / 4P
   Colorless transparency lens type
SM2333T KODENSHI-SM2333T Datasheet
276Kb / 3P
   Colorless transparency lens type
SI5311-H KODENSHI-SI5311-H Datasheet
221Kb / 4P
   Colorless transparency lens type
SI5312-H KODENSHI-SI5312-H Datasheet
226Kb / 4P
   Colorless transparency lens type
SI5313-H KODENSHI-SI5313-H Datasheet
206Kb / 4P
   Colorless transparency lens type
SI5315-H KODENSHI-SI5315-H Datasheet
198Kb / 4P
   Colorless transparency lens type
SA2336-D KODENSHI-SA2336-D Datasheet
206Kb / 5P
   Colorless transparency lens type
SA2336-E KODENSHI-SA2336-E Datasheet
205Kb / 5P
   Colorless transparency lens type
SAM5370 KODENSHI-SAM5370 Datasheet
311Kb / 3P
   Colorless transparency lens type
SA3317-F KODENSHI-SA3317-F Datasheet
318Kb / 3P
   Colorless transparency lens type
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com