Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB2016T101M Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza CB2016T101M
Descripción Electrónicos  Wire-wound Chip Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CB2016T101M Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CB2016T101M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Wire-wound Chip Power Inductors (CB series)
CB2016T101M
Features
Item Summary
100μH(±20%), 70mA, 170mA, 0806
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
0806/2016
Inductance
100μH(±20%)
Inductance Measuring Frequency
0.796MHz
Rated Current -Saturation Current
70mA
Rated Current -Temperature Rise Current
170mA
DC Resistance (max)
5.85Ω
Avg. of DC.Resistance
4.5Ω
Self-resonant Frequency (min)
8MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2mm ±0.2
W
1.6mm ±0.2
H
1.6mm ±0.2
2015.03.16
1 / 1


Número de pieza similar - CB2016T101M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
CB2016T101M TAIYO-YUDEN-CB2016T101M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T101M TAIYO-YUDEN-CB2016T101M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2016T101M8 TAIYO-YUDEN-CB2016T101M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2016T101MV TAIYO-YUDEN-CB2016T101MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
CB2016T101M TAIYO-YUDEN-CB2016T101M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results

Descripción similar - CB2016T101M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T330M TAIYO-YUDEN-BRL3225T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470K TAIYO-YUDEN-BRL3225T470K Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470M TAIYO-YUDEN-BRL3225T470M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
CB2012T220K TAIYO-YUDEN-CB2012T220K Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com