Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9985A Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9985A
Descripción Electrónicos  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9985A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9985A_15 Datasheet HTML 2Page - Analog Devices AD9985A_15 Datasheet HTML 3Page - Analog Devices AD9985A_15 Datasheet HTML 4Page - Analog Devices AD9985A_15 Datasheet HTML 5Page - Analog Devices AD9985A_15 Datasheet HTML 6Page - Analog Devices AD9985A_15 Datasheet HTML 7Page - Analog Devices AD9985A_15 Datasheet HTML 8Page - Analog Devices AD9985A_15 Datasheet HTML 9Page - Analog Devices AD9985A_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9985A
Rev. 0 | Page 6 of 32
Test
AD9985ABSTZ-110
Parameter
Temp
Level
Min
Typ
Max
Unit
POWER SUPPLY
VD Supply Voltage
Full
IV
3.15
3.3
3.45
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.45
V
PVD Supply Voltage
Full
IV
3.15
3.3
3.45
V
ID Supply Current (VD)
25°C
V
132
mA
IDD Supply Current (VDD)2
25°C
V
19
mA
IPVD Supply Current (PVD)
25°C
V
8
mA
Total Power Dissipation
Full
VI
525
760
mW
Power-Down Supply Current
Full
VI
5
15
mA
Power-Down Dissipation
Full
VI
16.5
50
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
25°C
V
300
MHz
Transient Response
25°C
V
2
ns
Overvoltage Recovery Time
25°C
V
1.5
ns
Signal-to-Noise Ratio (SNR)
25°C
V
44
dB
(Without Harmonics)
Full
V
43
dB
fIN = 40.7 MHz
Crosstalk
Full
V
55
dBc
THERMAL CHARACTERISTICS
θJC Junction-to-Case
Thermal Resistance
V
16
°C/W
θJA Junction-to-Ambient
Thermal Resistance
V
35
°C/W
1 VCO range = 10, charge pump current = 110, PLL divider = 1693.
2 DATACK load = 15 pF, data load = 5 pF.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design and characterization testing.


Número de pieza similar - AD9985A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9985A/PCB AD-AD9985A/PCB Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985ABSTZ-110 AD-AD9985ABSTZ-110 Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985AKSTZ-110 AD-AD9985AKSTZ-110 Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985AKSTZ-140 AD-AD9985AKSTZ-140 Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results

Descripción similar - AD9985A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com