Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD13280 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD13280
Descripción Electrónicos  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD13280 Datasheet(HTML) 5 Page - Analog Devices

  AD13280_15 Datasheet HTML 1Page - Analog Devices AD13280_15 Datasheet HTML 2Page - Analog Devices AD13280_15 Datasheet HTML 3Page - Analog Devices AD13280_15 Datasheet HTML 4Page - Analog Devices AD13280_15 Datasheet HTML 5Page - Analog Devices AD13280_15 Datasheet HTML 6Page - Analog Devices AD13280_15 Datasheet HTML 7Page - Analog Devices AD13280_15 Datasheet HTML 8Page - Analog Devices AD13280_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD13280
Rev. C | Page 5 of 28
AD13280AZ
Parameter
Temperature
Test Level
Min
Typ
Max
Unit
Analog Input @ 37 MHz
25°C
I
63
65
dBFS
Min
II
61.5
dBFS
Max
II
63
dBFS
SINAD1, 7
Analog Input @ 10 MHz
25°C
I
66
69
dBFS
Min
II
63.5
dBFS
Max
II
66
dBFS
Analog Input @ 21 MHz
25°C
I
64
68.5
dBFS
Min
II
63
dBFS
Max
II
64
dBFS
Analog Input @ 37 MHz
25°C
I
54
59
dBFS
Min
II
53
dBFS
Max
II
54
dBFS
SPURIOUS-FREE DYNAMIC RANGE1, 8
Analog Input @ 10 MHz
25°C
I
75
80
dBFS
Min
II
70
Max
II
75
Analog Input @ 21 MHz
25°C
I
68
75
dBFS
Min
II
67
Max
II
67
Analog Input @ 37 MHz
25°C
I
56
62
dBFS
Min
II
55
Max
II
55
SINGLE-ENDED ANALOG INPUT
Pass-Band Ripple to 10 MHz
25°C
V
0.07
dB
Pass-Band Ripple to 25 MHz
25°C
V
0.12
dB
DIFFERENTIAL ANALOG INPUT
Pass-Band Ripple to 10 MHz
25°C
V
0.3
dB
Pass-Band Ripple to 25 MHz
25°C
V
0.82
dB
TWO-TONE IMD REJECTION9
fIN = 9.1 MHz and 10.1 MHz (f1 and f2 are −7 dBFS)
25°C
I
75
80
dBc
Min
II
71
Max
II
74
fIN = 19.1 MHz and 20.7 MHz (f1 and f2 are −7 dBFS)
25°C
V
77
dBc
fIN = 36 MHz and 37 MHz (f1 and f2 are −7 dBFS)
25°C
V
60
dBc
CHANNEL-TO-CHANNEL ISOLATION10
25°C
IV
90
dB
TRANSIENT RESPONSE
25°C
V
25
ns
DIGITAL OUTPUTS11
Logic Compatibility
CMOS
DVCC = 3.3 V
Logic 1 Voltage
Full
I
2.5
DVCC − 0.2
V
Logic 0 Voltage
Full
I
0.2
0.5
V
DVCC = 5 V
Logic 1 Voltage
Full
V
DVCC − 0.3
V
Logic 0 Voltage
Full
V
0.35
V
Output Coding
Twos complement
POWER SUPPLY
AVCC Supply Voltage12
Full
IV
4.85
5.0
5.25
V
I (AVCC) Current
Full
I
313
364
mA
AVEE Supply Voltage12
Full
IV
−5.25
−5.0
−4.75
V
I (AVEE) Current
Full
I
38
49
mA
DVCC Supply Voltage12
Full
IV
3.135
3.3
3.465
V


Número de pieza similar - AD13280_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AF AD-AD13280AF Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280AF AD-AD13280AF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AZ AD-AD13280AZ Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
More results

Descripción similar - AD13280_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
logo
Texas Instruments
ADS61B23 TI-ADS61B23 Datasheet
1Mb / 51P
[Old version datasheet]   12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com