Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD53509 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD53509
Descripción Electrónicos  High Performance Driver/Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD53509 Datasheet(HTML) 3 Page - Analog Devices

  AD53509_15 Datasheet HTML 1Page - Analog Devices AD53509_15 Datasheet HTML 2Page - Analog Devices AD53509_15 Datasheet HTML 3Page - Analog Devices AD53509_15 Datasheet HTML 4Page - Analog Devices AD53509_15 Datasheet HTML 5Page - Analog Devices AD53509_15 Datasheet HTML 6Page - Analog Devices AD53509_15 Datasheet HTML 7Page - Analog Devices AD53509_15 Datasheet HTML 8Page - Analog Devices AD53509_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD53509
Rev. B | Page 3 of 12
SPECIFICATIONS
DRIVER SPECIFICATIONS
All specifications are at TJ = 85°C ± 5°C, VCC = 11 V ± 3%, VEE = −6 V = ±3%, unless otherwise noted. All temperature coefficients are
measured at TJ = 75°C to 95°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
DIFFERENTIAL INPUT CHARACTERISTICS,
DATA to DATA, IOD to IOD, RLD to RLD
Input Voltage
−2
+3
V
Differential Input Range
2
V
All digital inputs within a 2 V range
Bias Current
−250
+250
μA
VIN = −2 V, +3 V
REFERENCE INPUTS
Bias Currents
−50
+50
μA
VL, VH, VT = 5 V
OUTPUT CHARACTERISTICS
Logic High Range
−2
+7
V
Data = H, VH = −2 V to +7 V, VL = −2 V, VT = 0 V
Logic Low Range
−2
+6
V
Data = L, VL = −2 V to +6 V, VH = 7 V, VT = 0 V
Amplitude, VH and VL
0.1
9
V
VL = 0 V, VH = 0.1 V, VT = 0 V
Absolute Accuracy
VL = −2 V, VH = 7 V, VT = 0 V
VH Offset
−50
+50
mV
Data = H, VH = 0 V, VL = −2 V, VT = −1 V
VH Gain + Linearity Error
0.3 − 5
0.3 + 5
% of VH + mV
Data = H, VH = −1 V to +7 V, VL =−2 V, VT = −2 V
VL Offset
−50
+50
mV
Data = L, VL = 0 V, VH = 5 V, VT = 3 V
VL Gain + Linearity Error
−0.3 − 5
+0.3 + 5
% of VL + mV
Data = L, VL = −2 V to +6 V, VH = 7 V, VT = 7 V
Offset Temperature Coefficient
0.5
mV/°C
VL = −2 V, VH = 0 V, VT = −1 V (VH offset),
VL = 0 V, VH = 5 V, VT = 3 V (VL offset)
Output Resistance
VH = −2 V
44
46
48
Ω
VL = −2 V, VT = 0 V, IOUT = 0 mA, 1 mA, 30 mA
VH = +7 V
44
46
48
Ω
VL = −1 V, VT = 0 V, IOUT = 0 mA, −1 mA, −30 mA
VL = −2 V
44
46
48
Ω
VH = 6 V, VT = 0 V, IOUT = 0 mA, 1, mA 30 mA
VL = +6 V
44
46
48
Ω
VH = 7 V, VT = 0 V, IOUT = 0 mA, −1 mA, −30 mA
VH = +3 V
46
Ω
VL = 0 V, VT = 0 V, IOUT = −30 mA (trim point)
Dynamic Current Limit
>100
mA
CBYP = 39 nF, VH = 6 V, VL = −2 V, VT = 0 V
Static Current Limit
−85
+85
mA
Output to −2 V, VH = 7 V, VL = −1 V, VT = 0 V,
data = H and output to 7 V, VH = 6 V,
VL = −2 V, VT = 0 V, data = L
VT
Voltage Range
−2
+7
V
Term mode, VT = −2 V to +7 V, VL = 0 V, VH = 3 V
VT Offset
−50
+50
mV
Term mode, VT = 0 V, VL = 0 V, VH = 3 V
VT Gain + Linearity Error
−0.3 + 10
+0.3 + 10
% of VSET + mV
Term mode, VT = −2 V to +7 V, VL = 0 V, VH = 3 V
Offset Temperature Coefficient
0.5
mV/°C
VT = 0 V, VL = 0 V, VH = 3 V
Output Resistance
44
46
49
Ω
IOUT = 30 mA, 1.0 mA, VT = −2.0 V, VH = 3 V,
VL = 0 V, IOUT = −30 mA, −1.0 mA, VT = 7.0 V,
VH = 3 V, VL = 0 V, IOUT = ±30 mA, ±1.0 mA,
VT = 0 V, VH = 3 V, VL = 0 V
DYNAMIC PERFORMANCE, VH AND VL
Propagation Delay Time
1.5
ns
Measured at 50%, VH = 400 mV,
VL = −400 mV, VT = 0 V
Propagation Delay Temperature
Coefficient
2
ps/°C
Measured at 50%, VH = 400 mV,
VL = −400 mV, VT = 0 V
Delay Matching, Edge to Edge
<100
ps
Measured at 50%, VH = 400 mV,
VL = −400 mV, VT = 0 V


Número de pieza similar - AD53509_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD53509G AD-AD53509G Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509JSQ AD-AD53509JSQ Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53509JSW AD-AD53509JSW Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509JSWZ AD-AD53509JSWZ Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
More results

Descripción similar - AD53509_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
Analog Devices
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
   High-Performance Quad Comparator
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
   High-Performance Quad Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
   High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com