Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4302-4 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADA4302-4
Descripción Electrónicos  Active RF Splitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4302-4 Datasheet(HTML) 3 Page - Analog Devices

  ADA4302-4_15 Datasheet HTML 1Page - Analog Devices ADA4302-4_15 Datasheet HTML 2Page - Analog Devices ADA4302-4_15 Datasheet HTML 3Page - Analog Devices ADA4302-4_15 Datasheet HTML 4Page - Analog Devices ADA4302-4_15 Datasheet HTML 5Page - Analog Devices ADA4302-4_15 Datasheet HTML 6Page - Analog Devices ADA4302-4_15 Datasheet HTML 7Page - Analog Devices ADA4302-4_15 Datasheet HTML 8Page - Analog Devices ADA4302-4_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADA4302-4
Rev. B | Page 3 of 12
SPECIFICATIONS
VCC = 5 V, RIN = RL = 75 Ω, TA = 25°C, unless otherwise noted. The ADA4302-4 is characterized using a balun1 at the input.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (−3 dB)
1300
MHz
Specified Frequency Range
54
865
MHz
Gain (S21)
f = 100 MHz
3.5
4.6
5.7
dB
Gain Flatness
f = 865 MHz
1
dB
NOISE/DISTORTION PERFORMANCE
Composite Triple Beat (CTB)
135 Channels, 15 dBmV/Channel, f = 103.25 MHz
−66
−62
dBc
Composite Second-Order (CSO)
135 Channels, 15 dBmV/Channel, f = 103.25 MHz
−73
−67
dBc
Cross Modulation (CXM)
135 Channels, 15 dBmV/Channel, 100% modulation
@ 15.75 kHz, f = 103.25 MHz
−67
−64
dBc
Output IP3
f1 = 97.25 MHz, f2 = 103.25 MHz
23
dBm
Output IP2
f1 = 97.25 MHz, f2 = 103.25 MHz
65
dBm
Noise Figure
@ 54 MHz
4.1
4.4
dB
@ 550 MHz
4.4
4.7
dB
@ 865 MHz
5.0
5.8
dB
INPUT CHARACTERISTICS
Input Return Loss (S11)
Referenced to 75 Ω
@ 54 MHz
−16
−14
dB
@ 550 MHz
−16
−11
dB
@ 865 MHz
−18
−11
dB
Output-to-Input Isolation (S12)
Any output, 54 MHz to 865 MHz
−35
−33
dB
OUTPUT CHARACTERISTICS
Output Return Loss (S22)
Referenced to 75 Ω
@ 54 MHz
−11
−9
dB
@ 550 MHz
−12.5
−10
dB
@ 865 MHz
−14
−11.5
dB
Output-to-Output Isolation
Between any two outputs, 54 MHz to 865 MHz
−25
dB
1 dB Compression
Output referred, f = 100 MHz
8
dBm
POWER SUPPLY
Nominal Supply Voltage
5
V
Quiescent Supply Current
215
240
mA
1 M/A-COM MABAES0029.


Número de pieza similar - ADA4302-4_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4302-4ACP-REEL AD-ADA4302-4ACP-REEL Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACP-RL7 AD-ADA4302-4ACP-RL7 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-EBDI AD-ADA4302-4ACPZ-EBDI Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-EBSE AD-ADA4302-4ACPZ-EBSE Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-R2 AD-ADA4302-4ACPZ-R2 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
More results

Descripción similar - ADA4302-4_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
   Active RF Splitter
Rev. Sp0
ADA4302-4 AD-ADA4302-4_05 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4303-2 AD-ADA4303-2_15 Datasheet
266Kb / 12P
   Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
ADA4303-2 AD-ADA4303-2 Datasheet
268Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-2 AD-ADA4304-2 Datasheet
411Kb / 12P
   1:2 Single-Ended, Low Cost, Active RF Splitter
REV. 0
logo
ANADIGICS, Inc
APS3626 ANADIGICS-APS3626 Datasheet
335Kb / 7P
   Six-way Active Power Splitter
logo
American Accurate Compo...
SPL0111 AAC-SPL0111 Datasheet
209Kb / 2P
   RF Power Splitter
logo
Pulse A Technitrol Comp...
C4020NL PULSE-C4020NL Datasheet
81Kb / 2P
   RF DIFFERENTIAL SPLITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com